PBYR2060CTB
AI

The **PBYR2060CTB** is a high-performance **Schottky Barrier Diode** typically housed in a surface-mount package (D2PAK/TO-263). It is designed for high-frequency switching and power rectification applications.
---
### 1. Key Technical Specifications
The part number follows a standard naming convention where "20" represents the current and "60" represents the voltage rating.
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Configuration** | Dual / Common Cathode | Two diodes sharing a single cathode pin |
| **$V_{RRM}$** | 60 V | Repetitive peak reverse voltage |
| **$I_{F(AV)}$** | 20 A | Average forward current (10A per diode) |
| **$V_F$ (max)** | ~0.71 V | Maximum forward voltage drop |
| **$T_j$** | 150 °C | Maximum operating junction temperature |
| **Package** | D2PAK (SOT404) | Surface mount power package |
---
### 2. Functional Internal Diagram
The device is a **Common Cathode** dual diode. This is particularly useful in "push-pull" or "center-tap" transformer configurations.
```text
Anode 1 (Pin 1) ----|>|----|
|---- Cathode (Pin 2 / Tab)
Anode 2 (Pin 3) ----|>|----|
```
---
### 3. Core Features
* **Low Forward Voltage Drop:** Schottky technology ensures minimal power loss compared to standard silicon diodes.
* **Fast Switching:** Extremely low reverse recovery time ($t_{rr}$), making it ideal for high-speed circuits.
* **Guard Ring Protection:** Includes an internal guard ring for stress protection and long-term reliability.
* **High Thermal Efficiency:** The D2PAK housing allows for efficient heat dissipation into the PCB copper plane.
---
### 4. Common Applications
Due to its high current capacity and fast switching speeds, the PBYR2060CTB is used in:
1. **Switched-Mode Power Supplies (SMPS):** Used as output rectifiers.
2. **DC-DC Converters:** Providing freewheeling and polarity protection.
3. **OR-ing Diodes:** In redundant power supply systems to prevent back-feeding.
4. **Battery Chargers:** Efficient rectification of charging currents.
---
- ⤷
What are the main advantages of using a Schottky diode over a standard PN-junction diode in SMPS?
- ⤷ How do I calculate the heat sink requirements for a PBYR2060CTB at 10A load?
- ⤷ Is there a through-hole equivalent (TO-220) for this specific component?