PBYR2080CTB
AI

## Overview of PBYR2080CTB
The **PBYR2080CTB** is a high-performance **Schottky Barrier Rectifier** diode. It is designed for high-frequency switching and low-power loss applications. This component is typically housed in a surface-mount package (D2PAK), making it ideal for automated assembly.
---
### 1. Key Technical Specifications
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Configuration** | Dual / Common Cathode | Two diodes sharing a center pin |
| **Max Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 80 V | Maximum voltage it can block |
| **Average Rectified Forward Current ($I_{F(AV)}$)** | 20 A | 10A per diode (20A total) |
| **Forward Voltage Drop ($V_F$)** | ~0.7 V | Low voltage drop for high efficiency |
| **Operating Junction Temperature ($T_j$)** | Up to 150°C | Thermal limit for safe operation |
| **Package Type** | SOT404 (D2PAK) | Surface mount power package |
---
### 2. Internal Structure and Pinout
The PBYR2080CTB features a **Common Cathode** configuration. This means the two internal diodes are connected at their cathode (negative) side, which is also connected to the mounting base (tab) for heat dissipation.
* **Pin 1:** Anode 1
* **Pin 2 (Tab):** Cathode (Common)
* **Pin 3:** Anode 2
---
### 3. Principal Features
* **Schottky Technology:** Utilizes a metal-to-silicon junction to achieve ultra-fast switching speeds.
* **Low Power Loss:** Because of the low forward voltage drop, it minimizes heat generation and maximizes power efficiency.
* **Guard Ring:** Includes an internal guard ring for stress protection and long-term reliability against high voltage transients.
* **High Surge Capacity:** Capable of handling significant momentary current surges without failure.
---
### 4. Common Applications
Due to its speed and efficiency, the PBYR2080CTB is widely used in:
1. **Switch Mode Power Supplies (SMPS):** Used for output rectification.
2. **DC-to-DC Converters:** Acts as a freewheeling diode.
3. **Reverse Polarity Protection:** Protects sensitive circuits from battery reversal.
4. **OR-ing Diodes:** Used in redundant power supply systems.
---
- ⤷
What are the main differences between a Schottky diode and a standard PN junction diode?
- ⤷ How should the heat dissipation be managed for the PBYR2080CTB in a PCB design?
- ⤷ Can this diode be used in AC-to-DC bridge rectifiers?