PBYR235-45CT
AI

## PBYR2035-45CT Overview
The **PBYR2035-45CT** is a high-performance power Schottky rectifier diode. It is designed for use in low-voltage, high-frequency inverters, free-wheeling, and polarity protection applications. It is commonly housed in a **TO-220AB** package and features a dual-diode (common cathode) configuration.
---
### Key Technical Specifications
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Configuration** | Dual Common Cathode | Two diodes sharing a center pin (cathode) |
| **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 45 V | Maximum voltage the diode can block |
| **Average Rectified Forward Current ($I_{F(AV)}$)** | 20 A | 10A per diode (Total 20A for the package) |
| **Forward Voltage Drop ($V_F$)** | ~0.57 V | Low voltage drop at rated current ($I_F = 10A$) |
| **Reverse Recovery Time ($t_{rr}$)** | Negligible | Schottky diodes have ultra-fast switching |
| **Operating Junction Temp ($T_j$)** | Up to 150°C | Maximum heat tolerance of the silicon die |
---
### Internal Structure and Pinout
The device consists of two Schottky barrier diodes connected in a **Common Cathode** arrangement. This is ideal for full-wave rectification in switch-mode power supplies (SMPS).
1. **Pin 1 (Anode 1):** Input for the first diode.
2. **Pin 2 (Cathode):** Shared output (connected to the mounting tab).
3. **Pin 3 (Anode 2):** Input for the second diode.
---
### Core Electronic Features
* **Low Forward Voltage Drop:** The "Schottky" barrier results in significantly lower power loss compared to standard silicon diodes ($0.5V$ vs $0.7V-1.1V$), leading to higher efficiency.
* **High Frequency Operation:** Because there is no minority carrier recovery time, the diode can switch at very high speeds without significant switching losses.
* **Guard Ring Protection:** The internal die typically includes a guard ring for stress protection and to ensure long-term reliability against high-voltage transients.
---
### Common Applications
* **Switch Mode Power Supplies (SMPS):** Used as output rectifiers to convert high-frequency AC to DC.
* **OR-ing Diodes:** Used in redundant power systems to prevent back-feeding.
* **Free-wheeling Diodes:** Protecting transistors from inductive spikes in motor controllers.
* **Battery Chargers:** Efficient rectification for charging circuits.
- ⤷
How does the forward voltage drop change with temperature in the PBYR2035-45CT?
- ⤷ What is the recommended heat sink calculation for this diode at 20A?
- ⤷ Can this diode be used in a bridge rectifier configuration?