전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PBYR245

  • AI
    ## PBYR245 Schottky Barrier Rectifier The **PBYR245** is a high-performance Schottky barrier diode designed for high-frequency switching and low-voltage applications. It is part of a series (PBYR240-250) commonly used in power supplies. --- ### 1. Key Technical Specifications The following table outlines the fundamental electrical characteristics of the PBYR245: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Max Recurrent Peak Reverse Voltage** | $V_{RRM}$ | 45 | V | | **Max Average Forward Rectified Current** | $I_{F(AV)}$ | 2 | A | | **Max Forward Voltage Drop** (@ 2A) | $V_F$ | 0.55 | V | | **Max Peak Forward Surge Current** | $I_{FSM}$ | 50 | A | | **Operating Junction Temperature** | $T_j$ | -65 to +150 | °C | --- ### 2. Physical Packaging The PBYR245 typically comes in a **DO-15** (also known as DO-204AC) axial leaded plastic package. * **Polarity:** The cathode is indicated by a color band. * **Mounting:** Through-hole mounting. * **Material:** Flame retardant epoxy (UL 94V-0 rated). --- ### 3. Core Features * **Low Forward Voltage:** The Schottky barrier technology ensures a very low $V_F$, which reduces power dissipation and improves efficiency. * **Fast Switching:** Extremely fast recovery time compared to standard PN junction diodes, making it ideal for high-speed circuits. * **High Surge Capacity:** Can handle brief spikes in current up to 50A without failure. * **Guard Ring Protection:** Often features an internal guard ring for stress protection and long-term reliability. --- ### 4. Typical Applications The PBYR245 is versatile and found in various electronic circuits: 1. **Switching Power Supplies (SMPS):** Used for rectification in high-frequency DC-DC converters. 2. **Freewheeling Diodes:** Protects circuits from inductive voltage spikes (e.g., in motor controllers or relay drivers). 3. **Reverse Polarity Protection:** Prevents damage if a battery or power source is connected backwards. 4. **Low Voltage OR-ing:** Used in redundant power systems to combine two power rails. --- ### 5. Implementation Example (Basic Rectification) ```c // Schematic Logic for a Protection Circuit [Input Voltage] ---->| [PBYR245] ----> [Load] (Anode) (Cathode) ``` *Note: The low voltage drop of 0.55V means that at 2A, the diode only dissipates approximately 1.1 Watts of heat.*
    ✨ Follow-up Questions
    • ⤷ How does the PBYR245 compare to a standard 1N4007 diode?
    • ⤷ What is the maximum reverse leakage current for this part?
    • ⤷ Can I use the PBYR245 in a 24V solar charging system?