전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PBYR245CT

  • AI
    The **PBYR245CT** is a high-performance **Schottky Barrier Rectifier** diode. It is commonly used in power management circuits due to its low forward voltage drop and high switching speed. --- ## 1. Technical Specifications The part number follows a standard naming convention where the numbers often indicate current and voltage ratings. | Parameter | Value / Specification | | :--- | :--- | | **Component Type** | Schottky Barrier Diode (Dual, Common Cathode) | | **Maximum Average Forward Current ($I_{F(AV)}$)** | 20A (10A per diode) | | **Maximum Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 45V | | **Forward Voltage Drop ($V_F$)** | Approx. 0.5V to 0.6V (at rated current) | | **Package Type** | TO-220AB (Through-hole) | | **Operating Junction Temperature** | -65°C to +150°C | --- ## 2. Internal Configuration The "CT" suffix usually denotes a **Common Cathode** configuration. Inside the TO-220 package, there are two diodes sharing a single output point. * **Pin 1:** Anode 1 * **Pin 2:** Cathode (Connected to the mounting tab) * **Pin 3:** Anode 2 ```mermaid graph LR A1[Anode 1] --> K[Cathode / Tab] A2[Anode 2] --> K ``` --- ## 3. Key Electronic Features ### A. Low Forward Voltage ($V_F$) Unlike standard silicon diodes (which drop ~0.7V), the Schottky barrier in the PBYR245CT results in a much lower voltage drop. This reduces power dissipation (heat) and increases the efficiency of the power supply. ### B. Fast Switching Because it is a majority-carrier device, it has negligible reverse recovery time ($t_{rr}$). This makes it ideal for high-frequency switching applications where a standard diode would cause significant losses. ### C. Guard Ring Protection Most PBYR series diodes include an internal "Guard Ring" for stress protection. This enhances long-term reliability and provides higher resistance against transient over-voltages (dv/dt). --- ## 4. Common Applications Due to its 45V and 20A rating, the PBYR245CT is typically found in: 1. **Switch Mode Power Supplies (SMPS):** Used in the output rectification stage. 2. **Freewheeling Diodes:** Protecting circuits from inductive spikes in motor controllers. 3. **Battery Chargers:** Preventing reverse current flow with minimal energy loss. 4. **OR-ing Diodes:** Used in redundant power systems to combine two power rails.
    ✨ Follow-up Questions
    • ⤷What is the difference between the PBYR245CT and a standard recovery diode in an SMPS?
    • ⤷ Can the PBYR245CT be used in a bridge rectifier configuration?
    • ⤷ How should I calculate the heat sink requirements for this diode at 15A?