전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PBYR25-40CTB

  • AI
    The **PBYR25-40CTB** is a high-performance Schottky barrier diode commonly used in power switching applications. It is designed for low power loss and high efficiency. --- ## 1. Core Technical Specifications Below are the primary electrical characteristics of the PBYR25-40CTB: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 40 | V | | **Average Forward Current** | $I_{F(AV)}$ | 25 | A | | **Forward Voltage Drop (typ)** | $V_F$ | 0.50 | V | | **Peak Surge Current** | $I_{FSM}$ | 150 | A | | **Operating Junction Temp** | $T_j$ | 150 | °C | --- ## 2. Key Features and Internal Structure The "CTB" suffix typically indicates a specific package and configuration: ### Configuration * **Dual Diode (Common Cathode):** This part consists of two Schottky diodes integrated into a single package with a shared cathode. This is ideal for full-wave rectification. * **Schottky Barrier Technology:** Unlike standard PN junction diodes, it uses a metal-semiconductor junction, allowing for extremely fast switching speeds and lower forward voltage drops. ### Package Type * **D2PAK (SOT404):** This is a surface-mount power package. It features a large metal tab on the back (the cathode) designed to be soldered directly to the PCB for heat dissipation. --- ## 3. Typical Applications The PBYR25-40CTB is widely utilized in the following areas: 1. **Switched-Mode Power Supplies (SMPS):** Used for output rectification to minimize energy loss. 2. **DC-to-DC Converters:** Acts as a "freewheeling" diode in buck or boost regulators. 3. **Reverse Polarity Protection:** Protects sensitive circuitry from batteries being connected backward. 4. **OR-ing Diodes:** Used in redundant power supply systems to combine multiple power rails. --- ## 4. Advantages vs. Standard Diodes * **Efficiency:** The low $V_F$ (approx. 0.5V compared to 0.7V–1.1V for silicon diodes) significantly reduces heat generation. * **Speed:** Near-zero reverse recovery time ($t_{rr}$), which minimizes switching noise and electromagnetic interference (EMI).
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for the D2PAK version of this diode?
    • ⤷ How does the forward voltage drop change as the temperature increases?
    • ⤷ Can this diode be used in a bridge rectifier configuration?