전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PBYR2520CT

  • AI
    ## PBYR2520CT Schottky Barrier Rectifier The **PBYR2520CT** is a high-performance Schottky rectifier diode designed for high-frequency switching applications. It is commonly used in power supplies, converters, and protection circuits due to its low forward voltage drop and fast switching speed. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and thermal characteristics of the PBYR2520CT: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Max Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 20 | V | | **Average Rectified Forward Current** | $I_{O}$ | 25 | A | | **Peak Forward Surge Current** | $I_{FSM}$ | 150 | A | | **Forward Voltage Drop** (at 12.5A) | $V_F$ | ~0.45 | V | | **Operating Junction Temperature** | $T_j$ | -65 to +150 | °C | | **Package Type** | - | TO-220AB | - | --- ### 2. Internal Configuration The PBYR2520CT is a **dual-diode** component with a **Common Cathode** configuration. * **Pin 1:** Anode 1 * **Pin 2/Tab:** Cathode (Common) * **Pin 3:** Anode 2 This dual-chip setup allows the device to be used in "Full-Wave Center-Tap" rectification circuits or to be wired in parallel to handle higher currents. --- ### 3. Core Features and Benefits * **Low Power Loss:** The Schottky barrier technology ensures a very low forward voltage ($V_F$), which significantly reduces heat dissipation and increases efficiency. * **High Switching Speed:** Because Schottky diodes are unipolar devices, they have negligible reverse recovery time ($t_{rr}$), making them ideal for high-speed PWM circuits. * **Guard Ring Protection:** Most variants include an internal guard ring for stress protection and long-term reliability against high voltage transients. --- ### 4. Typical Applications The PBYR2520CT is primarily used in: 1. **Switching Mode Power Supplies (SMPS):** Used as output rectifiers for DC-DC converters. 2. **Freewheeling Diode:** Protects circuits from inductive spikes in motor drives. 3. **Reverse Polarity Protection:** Prevents damage if a battery or power source is connected incorrectly. 4. **OR-ing Diodes:** Used in redundant power supply systems to combine multiple power rails.
    ✨ Follow-up Questions
    • ⤷What are the equivalent replacement parts for the PBYR2520CT?
    • ⤷ How does the forward voltage drop change with temperature in this Schottky diode?
    • ⤷ Can I use this diode for a 48V power supply application?