전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PBYR3035PTF

  • AI
    ## Technical Overview: PBYR3035PTF The **PBYR3035PTF** is a high-performance **Schottky Barrier Diode** (Rectifier) typically housed in a TO-220F (Full Pack) plastic package. It is designed for high-frequency switching, low power loss, and high efficiency in power management circuits. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the PBYR3035PTF: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 35 | V | | **Average Rectified Forward Current** | $I_{F(AV)}$ | 30 | A | | **Forward Voltage Drop** (at 15A) | $V_F$ | ~0.50 - 0.60 | V | | **Peak Forward Surge Current** | $I_{FSM}$ | 200 | A | | **Operating Junction Temperature** | $T_j$ | -65 to +150 | °C | | **Package Type** | - | TO-220F | - | --- ### 2. Core Features * **Schottky Barrier Technology:** Utilizes a metal-to-silicon junction to achieve extremely fast switching speeds compared to standard PN junction diodes. * **Low Forward Voltage ($V_F$):** Reduces power dissipation during conduction, leading to higher system efficiency. * **Dual Diode Configuration:** Usually configured as a **Common Cathode** (two diodes in one package sharing the center pin), allowing for simplified full-wave rectification. * **Isolated Package (TO-220F):** The "F" suffix often denotes a "Full Pack" or isolated tab. This means the internal components are electrically insulated from the heatsink, eliminating the need for an external mica insulator. --- ### 3. Pin Configuration The device generally follows the standard 3-pin layout for dual Schottky rectifiers: 1. **Pin 1 (Anode 1):** Input for the first diode. 2. **Pin 2 (Cathode):** Common output for both diodes (connected to the center tab internally). 3. **Pin 3 (Anode 2):** Input for the second diode. --- ### 4. Typical Applications The PBYR3035PTF is commonly found in the following electronic circuits: * **Switch Mode Power Supplies (SMPS):** Used in the output rectification stage. * **DC-DC Converters:** Providing high-speed freewheeling and polarity protection. * **Battery Chargers:** Efficiently managing charging currents with minimal heat loss. * **Solar Panel Inverters:** Used as bypass diodes or in charge controllers. --- ### 5. Circuit Symbol (Example) In a schematic, it is represented as two diodes pointing toward a single node: ```text Anode 1 (1) ----|>|----| |---- Cathode (2) Anode 2 (3) ----|>|----| ```
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for a 30A load using this diode?
    • ⤷ How does the 'Full Pack' package affect thermal resistance compared to a standard TO-220?
    • ⤷ What is the maximum reverse leakage current for the PBYR3035PTF at high temperatures?