전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PBYR3045

  • AI
    The **PBYR3045** is a high-performance Schottky Barrier Rectifier diode. It is widely used in power management circuits due to its low forward voltage drop and fast switching capabilities. --- ## 1. Core Specifications The numerical suffix "3045" typically denotes the current and voltage ratings of the device. | Parameter | Value | Description | | :--- | :--- | :--- | | **Average Rectified Current ($I_F$)** | 30 A | The maximum continuous current the device can handle. | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 45 V | The maximum voltage the diode can block in the reverse direction. | | **Forward Voltage Drop ($V_F$)** | ~0.55 V - 0.6 V | Low voltage loss compared to standard silicon diodes (~0.7V - 1.1V). | | **Package Type** | TO-220AB | A standard 3-pin through-hole package (often a dual-diode configuration). | --- ## 2. Internal Structure (Dual Diode) The PBYR3045 is commonly manufactured as a **Dual Center-Tap** diode. This means there are two diodes inside a single package sharing a common cathode. ### Pinout Configuration: 1. **Anode 1:** Connected to the first diode. 2. **Cathode:** The center pin (and usually the metal tab), shared by both diodes. 3. **Anode 2:** Connected to the second diode. --- ## 3. Key Features * **Schottky Barrier Technology:** Uses a metal-semiconductor junction rather than a P-N junction, resulting in ultra-fast switching. * **Low Power Loss:** High efficiency due to the low forward voltage drop, which reduces heat generation. * **High Surge Capacity:** Capable of handling high instantaneous current spikes. * **Guard Ring:** Most versions include a guard ring for stress protection and long-term reliability. --- ## 4. Typical Applications The PBYR3045 is primarily found in environments where efficiency and speed are critical: * **Switch Mode Power Supplies (SMPS):** Used for output rectification. * **DC-DC Converters:** Acts as a freewheeling diode to prevent voltage spikes. * **Polarity Protection:** Protects circuits from accidental battery reversal. * **ORing Diodes:** Used in redundant power supply systems to combine multiple power rails. --- ## 5. Circuit Symbol Example In a schematic, it is represented as a Schottky diode. If using it in a full-wave rectifier: ```text Anode 1 ----|>|----| |---- Cathode (Output) Anode 2 ----|>|----| ```
    ✨ Follow-up Questions
    • ⤷ What is the thermal resistance of the PBYR3045 in a TO-220 package?
    • ⤷ Can the PBYR3045 be used in AC to DC bridge rectifiers?
    • ⤷ How does the forward voltage drop change with temperature in this diode?