PBYR3060PT
AI

The **PBYR3060PT** is a high-performance Schottky Barrier Rectifier diode. It is commonly used in power management circuits due to its low forward voltage drop and fast switching capabilities.
---
### 1. Key Technical Specifications
The part number follows a standard naming convention where "30" usually refers to the current rating and "60" refers to the voltage rating.
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Type** | Dual Schottky Diode | Contains two diodes with a common cathode. |
| **Max Average Rectified Current ($I_{F(AV)}$)** | 30A | Total current (15A per diode). |
| **Max Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 60V | The maximum voltage it can block in reverse. |
| **Forward Voltage Drop ($V_F$)** | ~0.6V to 0.7V | Lower than standard silicon diodes (~1.1V). |
| **Package Type** | SOT93 / TO-247 | Through-hole power package for heat dissipation. |
| **Operating Temperature** | up to 150°C | High thermal stability. |
---
### 2. Internal Configuration
The PBYR3060PT is a **Dual Diode (Common Cathode)** device. This means it has three pins:
1. **Anode 1:** Connected to the first diode.
2. **Cathode:** The center pin (common to both diodes and usually connected to the mounting tab).
3. **Anode 2:** Connected to the second diode.
This configuration is ideal for **Full-Wave Center-Tap Rectification**.
---
### 3. Key Features & Benefits
* **Low Power Loss:** Because the forward voltage drop is significantly lower than a standard PN junction diode, it generates less heat and is more energy-efficient.
* **High Switching Speed:** Schottky diodes are "majority carrier" devices, meaning they have negligible reverse recovery time ($t_{rr}$). This makes them ideal for high-frequency applications.
* **Guard Ring Protection:** Most PBYR series diodes include an internal guard ring for stress protection and long-term reliability against high voltages.
---
### 4. Typical Applications
The PBYR3060PT is found in high-current, high-frequency environments:
* **Switched-Mode Power Supplies (SMPS):** Used as output rectifiers for DC-DC converters.
* **Freewheeling Diodes:** Protecting circuits from inductive spikes in motor controllers.
* **Battery Chargers:** Preventing reverse current flow with minimal energy loss.
* **Solar Panels:** Used as bypass diodes to prevent power loss from shaded cells.
---
### 5. Equivalent / Alternative Parts
If the PBYR3060PT is unavailable, the following parts often serve as direct or functional equivalents:
* **MBR3060PT** (Industry standard equivalent)
* **STPS3060CW**
* **SDUR3060PT** (Note: "SDUR" is often an Ultra-Fast recovery diode rather than a Schottky; check datasheets for $V_F$ differences).
- ⤷
What is the difference between a Schottky diode and a standard PN junction diode in terms of efficiency?
- ⤷ How do I properly heatsink a TO-247 package like the PBYR3060PT?
- ⤷ Can I use this diode in an AC-to-DC bridge rectifier circuit?