전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PBYR4025WT

  • AI
    The **PBYR4025WT** is a high-performance **Schottky Barrier Diode** (Rectifier) typically housed in a TO-247 package. It is widely used in power supply applications due to its low forward voltage drop and high switching speed. --- ## 1. Core Specifications The part number follows a standard naming convention where "40" typically refers to the current and "25" to the voltage rating. | Feature | Specification | | :--- | :--- | | **Component Type** | Schottky Barrier Rectifier | | **Configuration** | Dual Diode (Common Cathode) | | **Max Average Forward Current ($I_{F(AV)}$)** | 40A (20A per diode) | | **Max Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 25V | | **Forward Voltage Drop ($V_F$)** | ~0.45V to 0.55V (at rated current) | | **Package Type** | TO-247 / SOT429 | --- ## 2. Key Internal Characteristics The PBYR4025WT is designed for efficiency in low-voltage, high-current circuits. ### A. Schottky Barrier Technology Unlike standard silicon diodes, Schottky diodes use a metal-semiconductor junction. This results in: * **Faster Switching:** Minimal reverse recovery time ($t_{rr}$), making them ideal for high-frequency circuits. * **Lower Heat Generation:** The low $V_F$ reduces power dissipation ($P = V \times I$). ### B. Dual Diode Configuration The device contains two diodes with a **Common Cathode**. * **Pin 1:** Anode 1 * **Pin 2:** Cathode (Common/Case) * **Pin 3:** Anode 2 This allows the component to be used in full-wave rectification circuits using only one physical component. --- ## 3. Typical Applications Because of its high current capacity and low voltage rating, it is commonly found in: * **Switched-Mode Power Supplies (SMPS):** Used in the output rectification stage. * **DC-DC Converters:** Acts as a "freewheeling" diode to prevent voltage spikes. * **Battery Chargers:** Efficiently managing high-current charging paths. * **Reverse Polarity Protection:** Protecting high-current DC devices from incorrect battery installation. --- ## 4. Thermal Management Since the device handles up to 40A, heat management is critical. The **TO-247 package** features a large metal tab (connected to the cathode) intended to be bolted to a heatsink. ```text Thermal Resistance (Typical): Rth j-mb (Junction to mounting base): ~1.2 K/W ``` *Note: Always use thermal paste (TIM) when mounting to a heatsink to ensure longevity.* ---
    ✨ Follow-up Questions
    • ⤷ What are the direct equivalents or crosses for the PBYR4025WT?
    • ⤷ How does the forward voltage drop change with temperature in this specific diode?
    • ⤷ Can this diode be used in a 48V power system?