전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PBYR620

  • AI
    ### PBYR620 - Schottky Barrier Rectifier Diode The **PBYR620** is a specific type of power diode known as a **Schottky Barrier Diode**. It is primarily used in high-frequency applications, power supplies, and logic circuits due to its fast switching speeds and low forward voltage drop. --- ### 1. Key Technical Specifications The "620" in the part number often refers to the current and voltage ratings (6 Amps, 20 Volts). | Feature | Specification | Description | | :--- | :--- | :--- | | **Average Rectified Current ($I_F$)** | 6 Amps | The maximum continuous current the diode can handle. | | **Reverse Voltage ($V_{RRM}$)** | 20 Volts | The maximum repetitive peak reverse voltage. | | **Forward Voltage Drop ($V_F$)** | ~0.4V to 0.5V | Significantly lower than standard silicon diodes (~0.7V). | | **Package Type** | TO-220 / DPAK | Standard power transistor packages for heat dissipation. | | **Switching Speed** | Extremely Fast | Minimal reverse recovery time. | --- ### 2. Major Features * **Low Power Loss:** Because the forward voltage drop is low, the diode generates less heat and is highly efficient. * **High Guarding:** Usually features a "guard ring" structure for stress protection and improved reliability. * **High Surge Capacity:** Capable of handling momentary spikes in current (Surge current). * **Low Capacitance:** Useful in high-frequency switching environments (e.g., DC-to-DC converters). --- ### 3. Common Applications Schottky diodes like the PBYR620 are chosen for circuits where efficiency and speed are critical: 1. **Switched-Mode Power Supplies (SMPS):** Used for rectification on the output side to convert high-frequency AC back to DC. 2. **Freewheeling Diodes:** Protects circuits from "inductive kickback" when motors or relays are switched off. 3. **Polarity Protection:** Prevents damage to a circuit if the battery or power source is connected backwards. 4. **ORing Diodes:** Used in redundant power systems to combine multiple power rails. --- ### 4. Comparison: Schottky vs. Standard Diode | Characteristic | Schottky (PBYR620) | Standard Silicon (1N4007) | | :--- | :--- | :--- | | **Voltage Drop** | Low (0.4V) | High (0.7V - 1.1V) | | **Switching Speed** | Very Fast (Picoseconds) | Slow (Microseconds) | | **Reverse Leakage** | Higher | Lower | | **Efficiency** | High | Moderate | ---
    ✨ Follow-up Questions
    • ⤷ What are the heat dissipation requirements for a PBYR620 at full load?
    • ⤷ Can the PBYR620 be replaced by a PBYR640 in most circuits?
    • ⤷ How does temperature affect the reverse leakage current of this diode?