PBYR635CT
AI

## PBYR635CT: Component Overview
The **PBYR635CT** is a high-performance **Schottky Barrier Diode** designed for power rectification. It is commonly used in high-frequency switched-mode power supplies (SMPS) due to its low forward voltage drop and fast switching speed.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics of the PBYR635CT:
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Type** | Dual Schottky Diode | Two diodes sharing a common cathode. |
| **Max. Recurrent Peak Reverse Voltage ($V_{RRM}$)** | 35V | The maximum voltage it can withstand in reverse bias. |
| **Max. Average Forward Current ($I_{F(AV)}$)** | 6A (Total) | The maximum sustained current the device can handle. |
| **Forward Voltage Drop ($V_F$)** | ~0.5V to 0.6V | Typical drop at rated current (Lower than standard silicon diodes). |
| **Package Type** | TO-220AB | Standard power package for heat dissipation. |
| **Configuration** | Common Cathode | Pin 2 (Center) is the cathode for both diodes. |
---
### 2. Physical Pinout Configuration
The device comes in a 3-pin TO-220 package. The internal circuit is organized as follows:
1. **Pin 1 (Anode 1):** Positive terminal for the first diode.
2. **Pin 2 (Cathode):** Common negative terminal (connected to the mounting tab).
3. **Pin 3 (Anode 2):** Positive terminal for the second diode.
---
### 3. Core Features and Benefits
* **Low Power Loss:** Because the forward voltage drop is significantly lower than a standard P-N junction diode (which is usually 0.7V - 1.1V), it generates less heat.
* **High Speed Switching:** Schottky diodes have virtually no reverse recovery time ($t_{rr}$), making them ideal for high-frequency applications.
* **Guard Ring Protection:** Many versions include a guard ring for stress protection and long-term reliability.
* **High Temperature Operation:** Designed to operate efficiently at high junction temperatures (typically up to 150°C).
---
### 4. Typical Applications
The PBYR635CT is most frequently found in:
* **Switched-Mode Power Supplies (SMPS):** Used in the output rectification stage.
* **DC-DC Converters:** Managing power flow between different voltage rails.
* **Freewheeling Diodes:** Protecting circuits from inductive spikes in motor controllers.
* **Battery Charging:** Preventing reverse current flow into the charger.
- ⤷
What is the difference between a standard rectifier diode and a Schottky diode like the PBYR635CT?
- ⤷ Can the PBYR635CT be used in a bridge rectifier configuration?
- ⤷ What are the thermal considerations when mounting a TO-220 package like this?