전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PBYR640CT

  • AI
    The **PBYR640CT** is a high-performance Schottky Barrier Rectifier diode commonly used in power management and switching applications. It is designed for low power loss and high efficiency. --- ## 1. Technical Specifications The PBYR640CT is typically housed in a **TO-220AB** package and consists of two diodes with a common cathode. | Parameter | Value | Description | | :--- | :--- | :--- | | **$V_{RRM}$** | 40V | Repetitive peak reverse voltage | | **$I_{F(AV)}$** | 6A | Average forward current (per diode) | | **$I_{O}$** | 12A | Total average forward current (both diodes) | | **$V_{F}$** | ~0.5V - 0.6V | Forward voltage drop (at rated current) | | **$T_{j}$** | Up to 150°C | Operating junction temperature | | **Configuration** | Dual | Common Cathode configuration | --- ## 2. Key Internal Components & Materials * **Schottky Barrier:** Unlike standard PN junction diodes, this uses a metal-to-semiconductor contact. This results in a much lower forward voltage drop ($V_F$) and ultra-fast switching speeds. * **Guard Ring:** Most PBYR series diodes include an internal "guard ring" for overvoltage protection, which improves reliability against transient voltages (ESD or inductive spikes). * **TO-220 Package:** The metal tab is internally connected to the cathode (Pin 2). This allows for easy mounting to a heatsink to dissipate heat generated during high-current operation. --- ## 3. Pin Configuration The device has three leads, arranged as follows: | Pin Number | Assignment | Function | | :--- | :--- | :--- | | **1** | Anode 1 | Input for Diode 1 | | **2** | Cathode | Common Output (Connected to Case/Tab) | | **3** | Anode 2 | Input for Diode 2 | --- ## 4. Common Applications * **Switched Mode Power Supplies (SMPS):** Used as output rectifiers to convert high-frequency AC back to DC. * **Freewheeling Diode:** Protects circuits from voltage spikes in motor control and relay logic. * **OR-ing Diodes:** Used in redundant power supply systems to prevent backflow of current. * **DC-DC Converters:** Acts as a high-efficiency catch diode. --- ## 5. Typical Circuit Representation ```text (Anode 1) Pin 1 ----|>|----| |---- Pin 2 (Common Cathode) (Anode 2) Pin 3 ----|>|----| ```
    ✨ Follow-up Questions
    • ⤷ What is the advantage of using a Schottky diode over a standard silicon diode?
    • ⤷ How do I calculate the heat dissipation for a PBYR640CT in a 5A circuit?
    • ⤷ Can I use the PBYR640CT in a 110V AC rectification circuit?