전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PBYR7025WT

  • AI
    ## Technical Overview of PBYR7025WT The **PBYR7025WT** is a high-performance, low-loss **Schottky Barrier Diode** (SBD) typically designed for use in switching power supplies and high-frequency DC-DC converters. It is manufactured by NXP (formerly Philips Semiconductors) and WeEn Semiconductors. --- ### 1. Key Technical Specifications The model number provides clues to its performance characteristics: * **70**: Indicates a continuous forward current ($I_{F}$) capability of approximately **70 Amperes** (35A per diode). * **25**: Indicates a repetitive peak reverse voltage ($V_{RRM}$) of **25 Volts**. | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | Repetitive Peak Reverse Voltage | $V_{RRM}$ | 25 | V | | Average Forward Current (Total) | $I_{F(AV)}$ | 70 | A | | Forward Voltage Drop (at 30A) | $V_{F}$ | ~0.42 | V | | Storage Temperature Range | $T_{stg}$ | -65 to 175 | °C | | Operating Junction Temperature | $T_{j}$ | 150 (max) | °C | --- ### 2. Internal Configuration and Package The PBYR7025WT is a **Dual Diode** in a **Common Cathode** configuration. This means there are two diodes inside a single package sharing a middle pin. * **Package Type:** TO-247 (or SOT429). This is a large, through-hole package designed for efficient heat dissipation. * **Pinout:** 1. Anode 1 2. Cathode (Common / Tab) 3. Anode 2 --- ### 3. Key Electronic Characteristics #### A. Low Forward Voltage Drop ($V_{F}$) Because it is a Schottky diode, it has a much lower forward voltage drop compared to standard silicon diodes. This results in **lower power loss** and higher efficiency in power conversion circuits. #### B. Fast Switching Speed Schottky diodes have negligible reverse recovery time ($t_{rr}$). This makes the PBYR7025WT ideal for high-frequency switching applications where standard diodes would overheat due to switching losses. #### C. Guard Ring Protection Most PBYR series diodes include an internal "Guard Ring." This is an integrated structure that protects the diode against high-voltage transients and improves long-term reliability. --- ### 4. Typical Applications * **Switched-Mode Power Supplies (SMPS):** Used for rectification on the output stage. * **DC-DC Converters:** Acts as a freewheeling diode or rectification element. * **Battery Management:** Used for reverse polarity protection in high-current systems. * **ORing Diodes:** Used in redundant power supply systems to combine two power rails.
    ✨ Follow-up Questions
    • ⤷What is the maximum surge current this diode can handle?
    • ⤷ How does the forward voltage drop change with temperature in this model?
    • ⤷ What are the common alternatives to the PBYR7025WT if it is out of stock?