전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PBYR735X

  • AI
    ## Overview of PBYR735X The **PBYR735X** is a high-performance **Schottky Barrier Diode** (SBD) designed primarily for high-frequency switching applications and power management. It is known for its low forward voltage drop and fast switching speeds, making it ideal for efficiency-critical circuits. --- ### Key Specifications Below are the primary electrical characteristics and physical parameters of the PBYR735X: | Parameter | Symbol | Value (Typical/Max) | Unit | | :--- | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 35 | V | | **Average Forward Current** | $I_{F(AV)}$ | 7.5 | A | | **Forward Voltage Drop** | $V_F$ | ~0.57 (at 7.5A) | V | | **Peak Non-Repetitive Surge Current** | $I_{FSM}$ | 120 | A | | **Operating Junction Temperature** | $T_j$ | -65 to +150 | °C | | **Package Type** | - | TO-220F (Isolated) | - | --- ### Core Electronic Characteristics 1. **Schottky Barrier Technology**: Unlike standard silicon diodes that use a P-N junction, the PBYR735X uses a metal-to-semiconductor junction. This results in a significantly lower **Forward Voltage ($V_F$)**, which reduces power dissipation during conduction. 2. **Fast Switching**: Because it has negligible charge storage (no minority carrier recovery), the diode can switch off almost instantaneously. This minimizes switching losses in high-speed circuits. 3. **Low Thermal Resistance**: The TO-220F package is designed to dissipate heat effectively, allowing the device to handle high currents without overheating. 4. **Isolated Package**: The "X" suffix often denotes an isolated package (TO-220F), meaning the internal metal tab is electrically insulated from the heatsink, simplifying mounting. --- ### Typical Applications * **Switching Mode Power Supplies (SMPS)**: Used in the output rectification stage to improve efficiency. * **DC-DC Converters**: Acting as a freewheeling diode or polarity protection. * **Battery Chargers**: Reducing heat generation during high-current charging cycles. * **OR-ing Diodes**: Used in redundant power supply systems to prevent backflow. --- ### Example Circuit Context In a buck converter circuit, the PBYR735X would be placed as a flywheel diode to provide a path for inductor current when the main switch (MOSFET) is off. ```spice * Schematic representation Input (+) ---- [MOSFET Switch] ----+---- [Inductor] ---- Output (+) | [PBYR735X Diode] (Cathode here) | Input (-) -------------------------+-------------------- Output (-) ```
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternative part numbers for the PBYR735X?
    • ⤷ How does the forward voltage drop change with temperature in this diode?
    • ⤷ What is the difference between the PBYR735 and the PBYR735X versions?