전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PBYR745B

  • AI
    The **PBYR745B** is a specific type of power diode, specifically a **Schottky Barrier Diode**. It is commonly used in power management circuits due to its low forward voltage drop and high switching speed. ### 1. Key Technical Specifications Below are the primary electrical characteristics typically associated with the PBYR745B: | Parameter | Symbol | Value | |:---|:---|:---| | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 45 V | | **Average Forward Current** | $I_{F(AV)}$ | 7.5 A | | **Forward Voltage Drop** (at 7.5A) | $V_F$ | ~0.57 V to 0.70 V | | **Reverse Recovery Time** | $t_{rr}$ | Negligible (extremely fast) | | **Operating Junction Temperature** | $T_j$ | up to 150 °C | --- ### 2. Functional Characteristics The PBYR745B is built using a metal-to-silicon junction rather than a P-N junction. This leads to several distinct electronic behaviors: * **Low Power Loss:** Because the forward voltage drop ($V_F$) is significantly lower than standard silicon diodes (which are usually 0.7V - 1.1V), it generates less heat and saves energy. * **High Efficiency:** It is ideal for high-frequency applications because Schottky diodes have no "reverse recovery charge," allowing them to switch on and off almost instantaneously. * **Guard Ring Protection:** Most "PBYR" series diodes include an internal guard ring for stress protection, which improves reliability against high-voltage transients (ESD). --- ### 3. Package and Pinout The "B" suffix usually denotes the package style, most commonly the **D2PAK (SOT404)**, which is a surface-mount device designed for high power dissipation. * **Pin 1:** Not connected or Common Cathode (depending on specific manufacturer variant). * **Pin 2 / Tab:** Cathode. * **Pin 3:** Anode. --- ### 4. Typical Applications The PBYR745B is found in circuits where efficiency and speed are critical: 1. **Switched-Mode Power Supplies (SMPS):** Used as output rectifiers to convert high-frequency AC back to DC. 2. **DC-DC Converters:** Acts as a "freewheeling diode" to provide a path for inductor current when the main switch is off. 3. **Reverse Polarity Protection:** Protects sensitive electronics from batteries being plugged in backwards while minimizing voltage loss. 4. **Battery Charging:** Used in solar chargers or portable device chargers to prevent battery discharge back into the source.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the PBYR745B and a standard 1N4007 diode?
    • ⤷ Can the PBYR745B be used in AC-to-DC rectification for 220V mains?
    • ⤷ What are the heat dissipation requirements for this diode at its maximum current?