전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PC1-R

  • AI
    The **PC1-R** is a specialized electronic component, most commonly associated with **optical isolation** (Photo-Coupler) or specific **relay** configurations used in industrial automation and power electronics. Below is a detailed breakdown of its electronic characteristics and internal parts. --- ## 1. Internal Architecture The PC1-R is typically a **Solid State Relay (SSR)** or a **Photocoupler**. Its internal structure consists of two main isolated stages: | Component | Part Type | Function | | :--- | :--- | :--- | | **Input Stage** | Infrared LED | Converts the electrical input signal into light. | | **Isolation Barrier** | Dielectric / Optical Gap | Provides high-voltage isolation (often up to 5000V) between input and output. | | **Output Stage** | Phototransistor / Triac | Detects light and allows current to flow through the load circuit. | --- ## 2. Key Specifications Depending on the manufacturer (such as Panasonic, Omron, or Sharp), the PC1-R series generally follows these electronic parameters: ### Electrical Characteristics * **Isolation Voltage:** High dielectric strength to protect sensitive microcontrollers from high-voltage spikes. * **Switching Speed:** Faster than mechanical relays (measured in microseconds). * **Contact Type:** Usually "Form A" (Normally Open) or "Form B" (Normally Closed) logic. ### Physical Characteristics * **Packaging:** Available in DIP (Dual In-line Package) or SMD (Surface Mount Device). * **Pinout:** Standard 4-pin or 6-pin configurations. --- ## 3. Applications in Circuit Design The PC1-R is used as a bridge between low-power logic and high-power peripherals. 1. **Noise Suppression:** It prevents electromagnetic interference (EMI) from the motor or heater circuit from entering the CPU. 2. **Logic Level Shifting:** Allowing a 3.3V or 5V MCU to control a 12V or 24V industrial system. 3. **Safety Isolation:** Protecting human operators from high AC voltages by ensuring no physical wire connection exists between the switch and the load. --- ## 4. Comparison: Mechanical vs. PC1-R (Solid State) | Feature | Mechanical Relay | PC1-R (Solid State) | | :--- | :--- | :--- | | **Moving Parts** | Yes | No | | **Lifespan** | Limited (Mechanical wear) | Very High (No wear) | | **Switching Noise** | Audible Click | Silent | | **Response Time** | 5ms - 15ms | < 1ms | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage rating for the PC1-R output stage?
    • ⤷ How do I calculate the current-limiting resistor for the PC1-R input LED?
    • ⤷ Can the PC1-R be used for AC load switching or only DC?