PC813
AI

## PC813 Photocoupler: Electronic Components and Specifications
The **PC813** is a high-density mounting type optoisolator (photocoupler) that consists of an **AC Input** side and a **Transistor Output** side. Unlike standard photocouplers that only accept DC, the PC813 is designed to handle alternating current or bidirectional DC inputs.
---
### 1. Internal Structure
The PC813 contains two primary electronic components integrated into a single 4-pin package:
| Component | Description | Function |
| :--- | :--- | :--- |
| **Input: LED Pair** | Two Gallium Arsenide (GaAs) infrared emitting diodes connected in **inverse parallel**. | Converts AC or bidirectional DC electrical signals into light. |
| **Output: Phototransistor** | A silicon NPN phototransistor. | Detects light from the LEDs and converts it back into an electrical current. |
---
### 2. Key Technical Specifications
Below are the typical absolute maximum ratings and characteristics for the PC813 series:
| Parameter | Symbol | Rating/Value |
| :--- | :--- | :--- |
| **Forward Current** | $I_F$ | $\pm 50\text{ mA}$ |
| **Collector-Emitter Voltage** | $V_{CEO}$ | $35\text{ V}$ (Min) |
| **Isolation Voltage** | $V_{iso}$ | $5,000\text{ Vrms}$ |
| **Current Transfer Ratio (CTR)** | $CTR$ | $20\%$ to $400\%$ (at $I_F = \pm 1\text{mA}$) |
| **Response Time (Rise)** | $t_r$ | $4\mu\text{s}$ (Typical) |
---
### 3. Pin Configuration
The PC813 usually comes in a 4-pin DIP or SMD package:
1. **Pin 1:** Anode / Cathode (Input)
2. **Pin 2:** Cathode / Anode (Input)
3. **Pin 3:** Emitter (Output)
4. **Pin 4:** Collector (Output)
---
### 4. Distinctive Features
* **AC Input Capability:** Because the internal LEDs are in inverse parallel, the device can conduct on both the positive and negative cycles of an AC signal.
* **High Isolation:** Provides a physical air gap and transparent dielectric between the input and output, protecting sensitive microcontrollers from high-voltage surges.
* **Compact Footprint:** Often used in space-constrained power supply designs.
### 5. Common Applications
* **AC Line Monitoring:** Detecting if a mains voltage is present.
* **Programmable Controllers:** Interfacing between industrial AC sensors and DC logic.
* **Telephone Line Interfacing:** Handling ring signals which are AC in nature.
* **System Appliances:** Controlling power in washers, heaters, or fans.
---
- ⤷What is the difference between PC813 and PC817?
- ⤷ How do you calculate the current limiting resistor for a PC813 input?
- ⤷ Can the PC813 be used for high-speed data transmission?