전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PC932

  • AI
    The **PC932** is a specific part number primarily associated with **Optocouplers (Photocouplers)**, historically manufactured by Sharp Corporation. These components are used to provide electrical isolation between two circuits using light signals. --- ## 1. Core Function and Specifications An optocoupler consists of an infrared LED and a photodetector (usually a phototransistor or an IC output) housed in the same package. ### Technical Specifications | Feature | Description | | :--- | :--- | | **Type** | High-speed logic output photocoupler | | **Input** | Infrared Emitting Diode (LED) | | **Output** | OPIC (Optical IC) with Totem-pole output | | **Isolation Voltage** | Usually rated at 2,500 to 5,000 Vrms | | **Response Speed** | High speed (typically used for logic signal transmission) | | **Package** | 8-pin DIP (Dual In-line Package) or SMD (Surface Mount) | --- ## 2. Internal Pin Configuration The PC932 typically follows a standard 8-pin layout for high-speed optocouplers: 1. **NC**: No connection 2. **Anode**: Positive side of the input LED 3. **Cathode**: Negative side of the input LED 4. **NC**: No connection 5. **GND**: Ground for the output circuit 6. **Vout**: Output signal 7. **NC**: No connection (sometimes used for Vo/Case) 8. **Vcc**: Supply voltage for the output IC --- ## 3. Key Applications Because the PC932 offers high-speed switching and high isolation, it is commonly found in the following environments: * **Switching Power Supplies:** Feedback loops to maintain voltage regulation while keeping the high-voltage side isolated from the control side. * **Industrial Controllers (PLCs):** Protecting delicate microprocessors from voltage spikes on factory floor sensors. * **Motor Drives:** Isolating the PWM control signals from high-power inverter stages. * **Computer Peripherals:** High-speed data transmission between decoupled systems. --- ## 4. Operational Mechanism The process follows three distinct steps: 1. **Electrical to Light:** An electrical pulse enters the LED, causing it to glow. 2. **Transmission:** The light travels across a dielectric (insulating) gap inside the chip. 3. **Light to Electrical:** The OPIC (Optical IC) on the other side detects the light and switches the output transistor to recreate the signal. ---
    ✨ Follow-up Questions
    • What are the modern equivalents or replacements for the Sharp PC932?
    • How do you test if a PC932 optocoupler is functioning correctly using a multimeter?
    • What is the difference between a standard phototransistor output and the OPIC output found in the PC932?