PC935
AI

The **PC935** (often referred to as the PC925/PC935 series) is a high-speed, high-performance **Photocoupler (Optoisolator)** specifically designed for driving Power MOS-FETs and IGBTs. It is manufactured by Sharp and is known for its ability to provide electrical isolation while maintaining high-speed signal switching.
---
### ## Technical Specifications
The PC935 features an integrated circuit on the output side to handle high currents and provide high-speed logic responses.
| Parameter | Description |
| :--- | :--- |
| **Input Type** | Gallium Arsenide (GaAs) Infrared LED |
| **Output Type** | Integrated Photodetector + Power Stage (OPIC) |
| **Max. Supply Voltage ($V_{CC}$)** | 35V |
| **Output Peak Current** | ±0.5A (Source/Sink) |
| **Response Time ($t_{PLH}/t_{PHL}$)** | 0.5 µs (Max) |
| **Isolation Voltage ($V_{iso}$)** | 5.0 kV (rms) |
| **Package Style** | 8-pin DIP / SMT |
---
### ### Internal Architecture
The PC935 is not just a simple transistor output optocoupler. It consists of:
1. **Primary Side:** An LED that converts the electrical input signal into light.
2. **Secondary Side:**
* A **Photodiode** to receive light.
* An **Amplifier Circuit** to boost the signal.
* A **Totem-Pole Output Stage** (Push-Pull) which allows it to directly charge and discharge the gate capacitance of a MOSFET or IGBT.
---
### ## Key Applications
Because of its high-speed switching and power output capabilities, it is primarily used in power electronics:
* **Inverter Circuits:** Used in motor drives to isolate the low-voltage control logic from the high-voltage power stage.
* **Switch Mode Power Supplies (SMPS):** Providing feedback or driving power switches.
* **Programmable Logic Controllers (PLCs):** Isolating I/O modules from industrial noise.
* **Induction Heating:** High-frequency switching control.
---
### ## Pin Configuration (Standard 8-Pin DIP)
```text
1. NC (No Connection) 8. Vcc (Supply Voltage)
2. Anode (LED) 7. Vo (Output)
3. Cathode (LED) 6. Vo (Output)
4. NC (No Connection) 5. GND (Ground)
```
*(Note: Pins 6 and 7 are usually connected together internally or on the PCB for the output signal).*
---
### ## Design Considerations
When using the PC935 in a circuit, keep the following in mind:
1. **Bypass Capacitor:** A 0.1µF ceramic capacitor must be placed as close as possible to the $V_{CC}$ and GND pins (Pin 8 and 5) to stabilize the high-speed switching output.
2. **Input Current:** Ensure the input forward current ($I_F$) is within the recommended range (typically 7mA to 16mA) to guarantee fast switching.
3. **Heat Dissipation:** If switching at very high frequencies, calculate the power dissipation of the output IC to avoid thermal shutdown.
- ⤷What is the difference between PC935 and a standard PC817 optocoupler?
- ⤷ Can the PC935 be used to drive an IGBT directly without an external buffer?
- ⤷ What are the recommended values for the input resistor (R_in) at 5V logic?