전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PCF30-R

  • AI
    The **PCF30-R** typically refers to a series of high-power, chassis-mount resistors (often part of the PCF series by manufacturers like Riedon or similar precision component brands). These are designed for power electronics where heat dissipation is critical. --- ### 1. Key Technical Specifications The PCF30-R is characterized by its high power-to-size ratio and its ability to handle significant thermal loads when mounted to a heat sink. | Parameter | Typical Value | | :--- | :--- | | **Power Rating** | 30 Watts (with appropriate heat sink) | | **Resistance Range** | 0.1 $\Omega$ to 50k $\Omega$ (varies by sub-model) | | **Tolerance** | $\pm 1\%$ to $\pm 5\%$ | | **Package Type** | TO-220 or TO-247 (chassis-mount) | | **Temperature Coefficient** | $\pm 50$ to $\pm 100$ ppm/°C | | **Max Voltage** | 500V DC | --- ### 2. Physical Design and Construction The construction of the PCF30-R is optimized for stability and heat transfer: * **Encapsulation:** Usually molded in a high-temperature plastic or epoxy. * **Substrate:** Alumina or Beryllium Oxide (BeO) is used to conduct heat away from the resistive element to the metal tab. * **Termination:** Tin-plated copper leads for easy soldering into PCBs. * **Mounting:** Features a screw hole for attachment to an external aluminum heat sink. --- ### 3. Application Use Cases Because of its power handling and precision, it is commonly found in the following circuits: 1. **Motor Drives:** Used as a current-sensing resistor to monitor motor load. 2. **Power Supplies:** Acts as a bleeder resistor or a dummy load for testing DC-DC converters. 3. **Industrial Braking:** Absorbs excess energy in small-scale servo systems. 4. **Audio Equipment:** Used in high-power amplifier output stages to maintain signal integrity under heat. --- ### 4. Implementation Example (C++ Simulation) If you were simulating the thermal behavior of a PCF30-R in a system, you might use a code structure like this to calculate the required heat sink thermal resistance ($R_{\theta}$). ```cpp #include int main() { double power_dissipated = 25.0; // Watts double ambient_temp = 25.0; // Celsius double max_junction_temp = 150.0; double r_theta_jc = 4.2; // Junction-to-case resistance // Calculate maximum allowable thermal resistance of the heat sink double total_r_theta = (max_junction_temp - ambient_temp) / power_dissipated; double r_theta_sink = total_r_theta - r_theta_jc; std::cout << "Required Heat Sink Thermal Resistance: " << r_theta_sink << " C/W" << std::endl; return 0; } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the PCF30 and the PCF50 models?
    • ⤷ How does the power rating change if a heat sink is not used?
    • ⤷ What are the mounting torque recommendations for a TO-220 package?