전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PCHC412R8-R22M-RC

  • AI
    The **PCHC412R8-R22M-RC** is a high-current, low-profile power inductor typically used in automotive and industrial electronics. This specific part belongs to a class of surface-mount (SMD) power inductors designed for high-frequency DC-DC converters. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's characteristics: | Code Segment | Meaning | Specification | |:---|:---|:---| | **PCHC** | Series Type | Molded High Current Power Inductor | | **412R8** | Dimensions | Approx. 4.0 x 4.0 x 2.8 mm | | **-R22** | Inductance Value | 0.22 µH (Microhenries) | | **M** | Tolerance | ±20% | | **-RC** | Compliance | RoHS Compliant | --- ### 2. Key Technical Specifications Below are the typical electrical parameters for this class of inductor: * **Inductance:** 0.22 µH. * **Current Rating (Irms):** High current handling, often ranging between 15A to 25A depending on the specific thermal design. * **Saturation Current (Isat):** The point where inductance drops by 20-30%; usually very high due to the composite iron powder core. * **DC Resistance (DCR):** Extremely low (mΩ range) to minimize power loss and heat generation. * **Operating Temperature:** Typically -55°C to +125°C (AEC-Q200 grade for automotive). --- ### 3. Construction and Material * **Core Material:** It uses a **Molded Magnetic Metal Powder**. This "shielded" construction reduces Electromagnetic Interference (EMI) and allows for a "soft" saturation characteristic (it doesn't lose inductance abruptly when current increases). * **Lead Frame:** Features robust solder pads designed for high-vibration environments. --- ### 4. Common Applications This inductor is primarily found in high-efficiency power stages: 1. **Voltage Regulator Modules (VRM):** Used in CPUs and GPUs for stable power delivery. 2. **DC/DC Converters:** High-frequency switching power supplies. 3. **Automotive Electronics:** Infotainment systems, LED lighting drivers, and Advanced Driver Assistance Systems (ADAS). 4. **Battery Powered Devices:** Where high efficiency and small footprint are critical. --- ### 5. Advantages * **High Power Density:** Large current capacity in a very small physical footprint. * **Low Acoustic Noise:** The molded construction minimizes "coil whine" caused by magnetostriction. * **Magnetic Shielding:** Minimizes interference with surrounding sensitive components on the PCB.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Isat and Irms in this inductor?
    • ⤷ Can this inductor be used in high-frequency switching above 1MHz?
    • ⤷ What are the equivalent alternatives from brands like Coilcraft or Vishay?