전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PCHP20CF-R68N-RC

  • AI
    The **PCHP20CF-R68N-RC** is a high-performance, surface-mount (SMD) power inductor. These components are designed to store energy in a magnetic field and are primarily used in power conversion circuits to manage voltage ripples and filter noise. --- ### 1. Technical Specifications The part number follows a specific nomenclature used by manufacturers (typically associated with brands like Allied Components or similar precision electronics suppliers). | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.68 µH (Microhenries) | | **Tolerance** | ±30% (indicated by 'N') | | **Package / Case** | 0805 or 2012 (approx. 2.0mm x 1.2mm) | | **Composition** | Metal Alloy / Composite Core | | **Shielding** | Magnetically Shielded | | **RoHS Status** | Compliant ('RC' suffix) | --- ### 2. Core Features * **High Current Handling:** Due to the metal composite construction, this inductor offers a high saturation current compared to standard ferrite inductors of the same size. * **Magnetic Shielding:** The design minimizes Electromagnetic Interference (EMI), preventing the inductor from affecting nearby sensitive components on the PCB. * **Low DCR (DC Resistance):** It is engineered to have very low internal resistance, which reduces power loss and heat generation, increasing overall circuit efficiency. * **Soft Saturation:** Unlike ferrite cores that drop inductance sharply when overloaded, metal alloy cores exhibit a "soft" saturation curve, providing better stability. --- ### 3. Common Applications This specific part is typically found in compact, battery-powered electronics where space is limited but power demands are high. 1. **DC-DC Converters:** Used in Buck or Boost converters to step voltage up or down. 2. **Mobile Devices:** Power management for smartphones, tablets, and wearables. 3. **Computing:** Voltage Regulator Modules (VRM) for CPUs and GPUs. 4. **IoT Sensors:** Filtering power lines for low-power wireless modules. --- ### 4. Part Number Breakdown (Typical) | Code Segment | Meaning | | :--- | :--- | | **PCHP** | Product Series (High Power Composite Inductor) | | **20CF** | Physical Dimensions (e.g., 2.0 x 1.2mm) | | **R68** | Inductance Value (R denotes decimal: 0.68) | | **N** | Tolerance (N = ±30%) | | **RC** | RoHS Compliant |
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the PCHP20CF series?
    • ⤷ How does a metal alloy core compare to a ferrite core in power inductors?
    • ⤷ Can this inductor be used in high-frequency switching applications above 1MHz?