전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PCMC135T-R56MN

  • AI
    ### Overview of PCMC135T-R56MN The **PCMC135T-R56MN** is a high-performance, surface-mount (SMD) power inductor. It is part of the PCMC series, which is specifically designed for high-current power supplies and DC-DC converter applications where high efficiency and low electromagnetic interference (EMI) are critical. --- ### Technical Specifications | Parameter | Value | | :--- | :--- | | **Inductance** | 0.56 µH | | **Tolerance** | ±20% (indicated by 'M') | | **Case Size** | 135T (approx. 13.8 x 12.6 x 5.0 mm) | | **Rated Current (Irms)** | ~25.0 A to 30.0 A (Typical) | | **Saturation Current (Isat)** | ~40.0 A to 50.0 A (Typical) | | **DC Resistance (DCR)** | ~1.5 mΩ to 1.8 mΩ (Max) | | **Operating Temperature** | -55°C to +125°C | --- ### Key Electronic Features 1. **High Current Handling:** Due to its low DCR (Direct Current Resistance), it can handle very high currents without significant power loss or heat generation. 2. **Magnetic Shielding:** The part is constructed using a metal powder molding process. This provides excellent magnetic shielding, reducing EMI leakage that could interfere with nearby sensitive components. 3. **Soft Saturation:** Unlike ferrite inductors that drop inductance sharply when overloaded, this metal powder core offers a "soft saturation" curve, maintaining better performance under heavy loads. 4. **Low Buzz Noise:** The molded construction minimizes mechanical vibrations, leading to lower acoustic noise (audible humming) during operation. --- ### Decoding the Part Number The part number follows a specific naming convention: | Segment | Meaning | | :--- | :--- | | **PCMC** | Series Name (Power Choke Metal Composite) | | **135T** | Size Code (Physical dimensions) | | **R56** | Inductance Value (R56 = 0.56 µH) | | **M** | Tolerance (M = ±20%) | | **N** | Specific Internal Code/Finish | --- ### Common Applications * **Voltage Regulator Modules (VRM):** Used in CPU/GPU power delivery for servers and high-end PCs. * **DC/DC Converters:** High-efficiency power conversion in telecommunications. * **Battery Powered Systems:** Ideal for devices requiring compact size and high energy efficiency. * **Automotive Electronics:** Used in infotainment and ADAS systems due to its robust temperature range. ---
    ✨ Follow-up Questions
    • ⤷ What are the main competitors or equivalent series to the PCMC135T?
    • ⤷ How does 'soft saturation' improve performance in high-load circuits?
    • ⤷ What is the specific physical footprint (land pattern) for this inductor?