전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PCS105-R80T-RC

  • AI
    The **PCS105-R80T-RC** is a high-current, shielded power inductor typically manufactured by companies like Taiyo Yuden or similar specialty magnetic component providers. It is designed for use in DC-DC converters and power supply circuits where high efficiency and low electromagnetic interference (EMI) are required. --- ### 1. Technical Specifications The following table outlines the key electrical and physical characteristics of this component: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.8 µH (indicated by "R80") | | **Tolerance** | ±20% (indicated by "T") | | **Shielding** | Magnetically Shielded | | **Mounting Type** | Surface Mount (SMD) | | **Operating Temperature** | -40°C to +125°C (typical) | | **DC Resistance (DCR)** | Very Low (typically < 5 mΩ) | | **RoHS Compliant** | Yes (indicated by "RC") | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying the component's physical and electrical profile: * **PCS105**: Represents the series and physical dimensions. Usually, "105" refers to a footprint of approximately **10mm x 10mm** with a height of **5mm**. * **R80**: Represents the inductance value. The "R" acts as a decimal point. $0.80$ microhenries ($\mu H$). * **T**: Represents the tolerance of the inductance value (T = $\pm 20\%$). * **RC**: Indicates "RoHS Compliant," meaning it is free from lead and other hazardous substances. --- ### 3. Key Electronic Functions Inductors like the PCS105-R80T-RC perform several critical roles in an electronic assembly: #### A. Energy Storage In switching regulators (Buck/Boost converters), this inductor stores energy in its magnetic field during the "on" cycle of the switch and releases it to the load during the "off" cycle. #### B. Noise Filtration (EMI Suppression) Because it is **magnetically shielded**, the component contains the magnetic flux within the core. This prevents the inductor from interfering with nearby sensitive components and reduces radiated EMI. #### C. Ripple Current Reduction The $0.8 \mu H$ value is relatively low, making it suitable for high-frequency switching power supplies. It helps smooth out the current ripples produced by the switching action of transistors. --- ### 4. Typical Applications * **Voltage Regulator Modules (VRM):** Used in motherboards and GPU power phases. * **High-current DC-DC Converters:** Found in industrial power supplies. * **Telecommunications Equipment:** Used in base stations and networking hardware. * **Battery Powered Systems:** Where high efficiency is needed to extend battery life.
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the PCS105-R80T-RC?
    • ⤷ How does magnetic shielding improve performance in high-density PCB layouts?
    • ⤷ What are the recommended footprint dimensions for soldering this SMD inductor?