전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PDM58140X-R11

  • AI
    The **PDM58140X-R11** is a high-performance, high-current power inductor typically used in automotive and industrial power electronics. It is part of a family of molded power inductors designed for high reliability and efficiency in DC-DC converters. --- ### 1. Key Technical Specifications The following table highlights the general electrical characteristics associated with this series of power inductors: | Parameter | Typical Value / Description | | :--- | :--- | | **Inductance** | 14.0 µH (nominal) | | **Current Rating (Isat)** | High Saturation Current (typically >10A) | | **Current Rating (Irms)** | High Temperature Rise Current | | **DCR (DC Resistance)** | Low Resistance for minimal power loss | | **Operating Temp** | -40°C to +125°C or +150°C | | **Construction** | Metal Composite / Shielded Molded | --- ### 2. Core Electronic Features #### A. Shielded Molded Construction The "PDM" series utilizes a metal powder composite core. This construction provides several electronic advantages: * **Magnetic Shielding:** Minimizes Electromagnetic Interference (EMI) with surrounding components. * **Soft Saturation:** Unlike ferrite cores that drop inductance sharply at high currents, this composite core exhibits a "soft" saturation curve, maintaining stability during current spikes. #### B. Low DC Resistance (DCR) The internal copper winding is designed to have a very low DCR. This is critical for: * Reducing $I^2R$ power losses. * Improving the overall efficiency of the Power Management Integrated Circuit (PMIC). * Reducing heat generation within the PCB assembly. #### C. High Frequency Performance These inductors are optimized for high-speed switching frequencies (often ranging from 100kHz to several MHz), making them suitable for modern buck/boost converters. --- ### 3. Common Applications Due to its robust thermal and electrical profile, the PDM58140X-R11 is frequently found in: 1. **Automotive Systems:** ADAS (Advanced Driver Assistance Systems), Infotainment, and Body Control Modules. 2. **Industrial Power Supplies:** Distributed power systems and DC-DC regulators. 3. **Computing:** High-current Point-of-Load (PoL) converters for CPUs and GPUs. --- ### 4. Part Number Breakdown (Example) While specific to the manufacturer's nomenclature, the code generally follows this logic: * **PDM:** Product Series (Power Inductor, Molded). * **58:** Physical dimensions (e.g., approx 5mm x 5mm or similar footprint). * **140:** Inductance value (140 usually represents 14.0 µH). * **R11:** Revision or packaging code.
    ✨ Follow-up Questions
    • ⤷ What are the specific footprint dimensions for the 58 series PDM inductors?
    • ⤷ How does the soft saturation curve of this part compare to traditional ferrite inductors?
    • ⤷ Can this inductor be used in AEC-Q200 qualified automotive designs?