전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PDM88120X-R02

  • AI
    The **PDM88120X-R02** is a high-performance power distribution and management module, typically utilized in industrial automation, telecommunications, or server infrastructure. It is designed to handle high current loads while providing monitoring and protection features. ### 1. Key Technical Specifications The following table summarizes the primary electronic characteristics of the PDM88120X-R02: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | Typically 40V - 60V DC (Standard 48V rail) | | **Current Rating** | Up to 120A (Continuous) | | **Configuration** | Multi-channel output (Redundant support) | | **Interface** | I2C / PMBus for digital management | | **Efficiency** | >95% at nominal load | | **Protection Class** | IP20 (Indoor/Enclosure use) | --- ### 2. Major Electronic Subsystems The internal architecture of the PDM88120X-R02 consists of several critical electronic sections: #### A. Power Stage (MOSFETs and Busbars) The core of the unit uses high-current **MOSFETs** with extremely low $R_{DS(on)}$ (On-resistance) to minimize heat dissipation. Heavy-duty copper busbars are used instead of standard PCB traces to carry the 120A load without melting. #### B. Control Logic & MCU A central Microcontroller (MCU) manages the operational logic. It performs the following tasks: * **Soft Start:** Gradually ramps up voltage to prevent inrush current spikes. * **Sequencing:** Controls the order in which different output ports are energized. #### C. Monitoring & PMBus Communication This part integrates **Current Shunt Resistors** and **Hall Effect Sensors**. * It communicates via the **PMBus** protocol, allowing a master controller to read real-time data such as: * Input/Output Voltage ($V_{in}, V_{out}$) * Current Draw ($I$) * Internal Temperature ($T$) #### D. Protection Circuits The module includes hardware-level protection mechanisms: 1. **OVP/UVP:** Over-Voltage and Under-Voltage Protection. 2. **OCP:** Over-Current Protection (Electronic Fuse functionality). 3. **OTP:** Over-Temperature Protection that triggers a shutdown if the heatsink exceeds safety limits. --- ### 3. Application Example In a typical data center rack, the PDM88120X-R02 acts as the bridge between the main power source and individual blades. ```python # Example Pseudo-code for monitoring via PMBus def check_pdm_status(address): voltage = read_pmbus(address, READ_VIN) current = read_pmbus(address, READ_IIN) if current > 120.0: trigger_alarm("Overcurrent Detected!") return {"V": voltage, "A": current} ```
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the PMBus interface on this module?
    • ⤷ Can the PDM88120X-R02 be used in a parallel configuration for load sharing?
    • ⤷ What is the thermal de-rating curve for this part at ambient temperatures above 40°C?