전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PDM88120X-R11

  • AI
    The **PDM88120X-R11** is a high-performance, power-dense Power Distribution Module (PDM) typically used in automotive, industrial, and heavy-duty vehicle applications. It is designed to replace traditional fuse boxes and relay panels with intelligent solid-state switching. --- ### 1. Key Technical Specifications Below is a breakdown of the primary electronic characteristics of this series: | Parameter | Typical Value / Range | | :--- | :--- | | **Operating Voltage** | 9V to 32V DC (Supports 12V and 24V systems) | | **Total Current Capacity** | Up to 120A - 200A (varies by thermal management) | | **Output Channels** | 12 High-Side Outputs | | **Communication Interface** | CAN Bus (J1939 or CANopen protocols) | | **Ingress Protection** | IP67 / IP69K (Waterproof and Dustproof) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Core Electronic Components and Features #### A. Solid-State Switching (MOSFETs) Unlike mechanical relays, the PDM88120X-R11 uses high-side MOSFETs (Metal-Oxide-Semiconductor Field-Effect Transistors). * **Advantage:** Eliminates arcing and mechanical wear. * **Function:** Provides Pulse Width Modulation (PWM) capability for dimming lights or controlling motor speeds. #### B. Integrated Protection Circuitry The module features "smart" protection for every output channel: * **Overcurrent Protection:** Digital fuses that can be reset via software. * **Short Circuit Protection:** Immediate shutdown upon detecting a dead short to protect the wiring harness. * **Thermal Shutdown:** Internal sensors monitor heat levels to prevent board failure. #### C. Microcontroller & CAN Bus The brain of the unit is an onboard microcontroller that manages logic and communication. * **CAN Bus Control:** Allows the module to communicate with ECUs (Engine Control Units) or digital displays. * **Diagnostic Feedback:** Sends real-time data back to the system, including current draw per channel and fault status. --- ### 3. Pinout and Connectivity The R11 variant typically utilizes high-quality automotive connectors (like Deutsch or Amphenol) to ensure vibration resistance. ```yaml Connectivity_Structure: Power_Input: Heavy-duty M6 or M8 stud for battery connection Control_Inputs: Digital or Analog inputs for switches/sensors Data_Link: CAN_High and CAN_Low pins Outputs: 12 protected pins for loads (Lamps, Fans, Pumps) ``` --- ### 4. Comparison: Traditional Fuse Box vs. PDM88120X | Feature | Traditional Fuse/Relay | PDM88120X-R11 | | :--- | :--- | :--- | | **Reliability** | Mechanical parts fail over time | Solid-state, no moving parts | | **Diagnostics** | Manual inspection required | Real-time digital feedback | | **Flexibility** | Fixed wiring | Software-programmable logic | | **Space** | Large/Bulky | Compact, high power density |
    ✨ Follow-up Questions
    • ⤷ What are the specific programming software tools used for the PDM88120X series?
    • ⤷ How does the PWM frequency control work for motor applications in this module?
    • ⤷ Can this module be used in a dual-battery 24V marine environment?