전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PDSP1601

  • AI
    ## Overview of the PDSP1601 The **PDSP1601** is a high-performance **Arithmetic Logic Unit (ALU)** specifically designed for Digital Signal Processing (DSP) applications. It was originally manufactured by Plessey Semiconductors (later Mitel/Zarlink). It is known for its ability to perform high-speed 16-bit arithmetic operations in a single clock cycle. --- ### Technical Specifications The PDSP1601 is engineered to handle complex mathematical computations required in real-time signal processing. | Feature | Specification | | :--- | :--- | | **Word Length** | 16-bit | | **Architecture** | CMOS High Speed | | **Cycle Time** | Approx. 50ns to 100ns (depending on grade) | | **Supply Voltage** | 5V Typical | | **Package Types** | 68-pin PGA or LCC | | **Input Ports** | Two 16-bit registered inputs (A and B) | | **Output Port** | One 16-bit output (Y) | --- ### Core Functional Components The internal architecture is optimized for "feed-forward" data processing. Key components include: 1. **Input Registers:** Data is latched into the device on the rising edge of the clock, ensuring stable data during the arithmetic cycle. 2. **The ALU Core:** Capable of 32 distinct operations, including: * Addition and Subtraction. * Logical operations (AND, OR, XOR, NOT). * Absolute value calculation. * Pass-through functions. 3. **Feedback Path:** It features an internal feedback loop allowing the output to be routed back to the input, facilitating **Accumulation** (MAC operations) without external wiring. 4. **Flags and Status:** It provides standard condition flags such as **Carry**, **Overflow**, **Negative**, and **Zero** (CONZ). --- ### Logic Operations Table The PDSP1601 uses instruction pins ($I_0 - I_4$) to define the operation. Below are common examples: | Instruction Code (Hex) | Operation | Description | | :--- | :--- | :--- | | 0x00 | A + B | Simple Addition | | 0x01 | A - B | Subtraction | | 0x08 | A AND B | Bitwise Logical AND | | 0x0C | ABS(A) | Absolute value of input A | | 0x1F | PASS A | Transfer input A to output | --- ### Applications The PDSP1601 is typically found in vintage or specialized high-reliability hardware: * **Digital Filtering:** Implementing FIR and IIR filters. * **Image Processing:** Real-time pixel manipulation. * **Radar/Sonar:** High-speed data correlation. * **Graphics Accelerators:** Early hardware-based coordinate transformations. --- ### Pin Configuration Example (Snippet) ```vhdl -- Conceptual representation of PDSP1601 in a system Component PDSP1601 Port ( CLK : in std_logic; A_IN : in std_logic_vector(15 downto 0); B_IN : in std_logic_vector(15 downto 0); INST : in std_logic_vector(4 downto 0); Y_OUT : out std_logic_vector(15 downto 0); OVR : out std_logic -- Overflow flag ); End Component; ```
    ✨ Follow-up Questions
    • What are the differences between the PDSP1601 and modern DSP processors?
    • How does the feedback register facilitate Multiply-Accumulate (MAC) operations?
    • What are the power consumption characteristics of the PDSP1601 under full load?