전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PDU-BH2R-R

  • AI
    The **PDU-BH2R-R** is a high-performance Power Distribution Unit (PDU) typically used in server racks and industrial applications. It is designed for high-density power delivery and features robust electronic components to ensure stability and safety. --- ### Key Electronic Components and Features The PDU-BH2R-R is defined by several core electronic subsystems that manage electricity from the input source to the connected IT equipment. | Component Category | Description | | :--- | :--- | | **Input Connection** | Typically features a high-amperage industrial plug (e.g., NEMA or IEC) designed to handle 20A to 30A loads. | | **Circuit Breakers** | Equipped with electromagnetic or thermal-magnetic breakers to prevent overcurrent damage to connected hardware. | | **Outlet Distribution** | Uses high-quality copper busbars to distribute power across multiple outlets (usually IEC C13 or C19) with minimal heat loss. | | **Surge Protection** | Integrated Metal Oxide Varistors (MOVs) to shunt voltage spikes and protect sensitive electronic power supplies. | | **Grounding System** | Features a dedicated grounding stud and internal wiring to ensure all connected chassis are properly earthed. | --- ### Technical Specifications Summary While specific variations exist, the "BH2R" series generally follows these electronic standards: * **Voltage Support:** Often rated for 100V - 240V AC, allowing for global compatibility. * **Current Capacity:** Standard models are rated for 20 Amps (derated to 16A continuous) or 30 Amps. * **Internal Wiring:** Uses high-temperature resistant 12 AWG or 10 AWG internal cabling. * **Form Factor:** 1U or 2U Horizontal Rackmount design. ### Operational Safety Mechanisms 1. **Overload Protection:** The internal electronic breakers trip instantly if the total current draw exceeds the rated capacity, preventing fire hazards. 2. **Thermal Management:** The housing is usually made of heavy-duty aluminum or steel, which acts as a passive heat sink for the internal electronics. 3. **EMI/RFI Filtering:** Some models include electronic noise filters to ensure the power delivered to servers is "clean" and free from electromagnetic interference. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific maximum amperage rating for the PDU-BH2R-R?
    • ⤷ Does this model support remote IP monitoring or is it a basic PDU?
    • ⤷ What types of power outlets are standard on the BH2R series?