전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PDU-CP1N-R

  • AI
    The **PDU-CP1N-R** is a specific electronic component, typically categorized as a **Power Distribution Unit (PDU)** or a specialized **Power Controller** used in industrial automation or telecommunications. Below is a detailed breakdown of its electronic characteristics and functional architecture. --- ### 1. General Specifications The PDU-CP1N-R is designed to manage and distribute electrical power to multiple devices while providing protection and remote monitoring capabilities. | Feature | Description | | :--- | :--- | | **Input Voltage** | Typically 100-240V AC or 48V DC (depending on the specific series variant). | | **Current Rating** | Usually rated for 10A to 16A total load. | | **Mounting Type** | Rack-mountable (1U/2U) or DIN-rail compatible. | | **Connectivity** | RJ45 for Ethernet/SNMP management or RS232 for local console. | | **Protection** | Integrated Overcurrent and Surge Protection. | --- ### 2. Key Electronic Components The internal circuitry of a unit like the PDU-CP1N-R consists of several critical subsystems: #### A. Power Sensing Circuitry * **Current Transformers (CTs):** Small coils that wrap around the internal busbars to measure amperage without breaking the circuit. * **Voltage Dividers:** Precision resistors used to step down high voltage to measurable levels for the onboard microprocessor. #### B. Control and Intelligence * **Microcontroller (MCU):** The "brain" that processes sensor data, manages the web interface, and handles SNMP (Simple Network Management Protocol) alerts. * **Relay Array:** Electronic or mechanical switches that allow for the remote "Power Cycle" (On/Off) functionality of individual outlets. #### C. Communication Interface * **Ethernet Controller:** Provides the physical layer for network connectivity. * **Isolation Transformers:** Protects the logic board from power surges coming through the data lines. --- ### 3. Functional Features The "CP1N-R" designation often implies specific features common in industrial power management: 1. **Redundancy (indicated by the "-R"):** Often signifies redundant power inputs or a redundant network interface to ensure the unit stays online if one path fails. 2. **Sequential Power-Up:** To prevent "inrush current" (which can trip breakers), the electronic controller staggers the activation of connected devices. 3. **Real-time Monitoring:** Tracks Kilowatts (kW), Amps (A), and Voltage (V) via a digital display or remote dashboard. --- ### 4. Circuit Protection Block | Component | Function | | :--- | :--- | | **MOV (Metal Oxide Varistor)** | Absorbs high-voltage spikes to protect connected equipment. | | **Circuit Breaker** | A resettable thermal-magnetic switch that trips if the total load exceeds the rated capacity. | | **EMI/RFI Filter** | Reduces electromagnetic interference to ensure "clean" power is delivered to sensitive electronics. | ---
    ✨ Follow-up Questions
    • ⤷What are the differences between the CP1N-R and the standard CP1N model?
    • ⤷ How do I configure the SNMP settings for remote monitoring on this unit?
    • ⤷ What is the maximum surge suppression rating (Joules) for this PDU?