AI

### Overview of PE9935-72-R
The **PE9935-72-R** is a high-performance, precision RF (Radio Frequency) cable assembly manufactured by **Pasternack**. This specific part is designed for high-frequency signal transmission, typically used in test and measurement, telecommunications, and aerospace applications.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Connector A** | SMA Male (Straight) |
| **Connector B** | SMA Male (Straight) |
| **Cable Type** | PE-P142LL (Low Loss) |
| **Impedance** | 50 Ohms |
| **Max Frequency** | 18 GHz |
| **Length** | 72 Inches (approx. 182.88 cm) |
| **Propagation Velocity** | 80% to 83% (typical) |
| **Shielding** | Triple Shielded |
---
### Component Breakdown
#### 1. Connectors (SMA Male)
The assembly uses **SubMiniature version A (SMA)** connectors. These are threaded RF connectors that provide a secure mechanical connection and excellent electrical performance up to 18 GHz. They are typically constructed from stainless steel or gold-plated brass for durability.
#### 2. The Cable (PE-P142LL)
The "LL" in the cable type stands for **Low Loss**. This cable is engineered to minimize signal attenuation (power loss) over the 72-inch span.
* **Dielectric:** Usually expanded PTFE (Polytetrafluoroethylene) for low capacitance.
* **Shielding:** Triple shielding provides high EMI (Electromagnetic Interference) protection, ensuring signal integrity in noisy environments.
#### 3. RoHS Compliance
The **"-R"** suffix in the part number indicates that the component is **RoHS Compliant**, meaning it is manufactured without hazardous substances like lead, mercury, or cadmium.
---
### Key Applications
* **Test Bench Interconnects:** Used to connect signal generators to oscilloscopes or spectrum analyzers.
* **System Prototyping:** Ideal for RF breadboarding where high-frequency signals must be routed between modules.
* **Data Communications:** Used in infrastructure for 5G, LTE, and satellite communications testing.
---
### Performance Considerations
When using the PE9935-72-R, it is important to observe the **Minimum Bend Radius**. Over-bending the cable can damage the internal shielding or dielectric, leading to "kinks" in the VSWR (Voltage Standing Wave Ratio) and increased signal loss.
- ⤷What is the maximum power handling for the PE9935-72-R at 18 GHz?
- ⤷ How does triple shielding improve performance compared to double shielding?
- ⤷ What is the typical insertion loss for this 72-inch cable?