전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PEY-R

  • AI
    The **PEY-R** (specifically referencing the robotic platform or high-performance RC chassis often used in educational and competitive robotics) relies on several critical electronic components to manage power, processing, and movement. --- ### Core Electronic Components The electronic architecture of a PEY-R system is generally divided into power management, logic control, and actuation. | Component | Function | Description | | :--- | :--- | :--- | | **Microcontroller/SBC** | The "Brain" | Usually an Arduino, ESP32, or Raspberry Pi that processes code and sensor data. | | **ESC (Electronic Speed Controller)** | Motor Control | Regulates the speed and direction of the brushless or brushed motors. | | **LiPo Battery** | Power Source | High-discharge Lithium Polymer batteries (typically 2S or 3S) providing the necessary voltage. | | **Servo Motor** | Steering/Articulating | High-torque digital servos used for precise steering angle control. | | **IMU (Inertial Measurement Unit)** | Stability | A 6-axis or 9-axis sensor (Gyroscope/Accelerometer) used for balance and orientation. | | **Receiver (RX)** | Communication | Captures 2.4GHz signals from the remote transmitter for manual override or telemetry. | --- ### Technical Specifications & Interaction #### 1. Power Distribution The power flows from the battery to a **Power Distribution Board (PDB)** or directly to the ESC. Most PEY-R setups use a **BEC (Battery Eliminator Circuit)** to step down the high battery voltage (e.g., 11.1V) to a stable 5V or 6V for the microcontroller and sensors. #### 2. Signal Processing The logic level usually operates at 3.3V or 5V. The microcontroller communicates with the ESC and Servos using **PWM (Pulse Width Modulation)** signals. For advanced versions involving autonomous navigation, **I2C** or **UART** protocols are used to interface with LIDAR or ultrasonic sensors. #### 3. Protection Circuits * **Low Voltage Alarm:** Prevents the LiPo battery from discharging below a critical level. * **Fuses/Opto-isolators:** Protect the logic board from high-current spikes generated by the motors. --- ### Basic Wiring Example (Pseudocode Context) If you are programming the controller, the electronic interaction typically looks like this: ```cpp // Example: Initializing steering and throttle on a PEY-R setup #include Servo steeringServo; int escPin = 9; int servoPin = 10; void setup() { steeringServo.attach(servoPin); pinMode(escPin, OUTPUT); // Initialize ESC with neutral signal analogWrite(escPin, 127); } ```
    ✨ Follow-up Questions
    • ⤷ What are the recommended battery specifications for the PEY-R platform?
    • ⤷ How do you calibrate the ESC for a PEY-R robotic system?
    • ⤷ Which sensors are best suited for autonomous navigation on this chassis?