PHA200-F200-R2
AI

## Electronic Components and Technical Profile: PHA200-F200-R2
The **PHA200-F200-R2** is a specialized photoelectric sensor developed by Pepperl+Fuchs, primarily designed for **high-precision positioning** in automated storage and retrieval systems (ASRS). It utilizes a camera-based system to detect circular holes in rack structures.
---
### 1. Key Electronic Specifications
The following table outlines the core electrical characteristics of the device:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Operating Voltage** | 24 V DC (+/- 20%) | Standard industrial power supply. |
| **Current Consumption** | Max. 250 mA | Typical load during operation. |
| **Interface Type** | RS 232 | Used for parameterization and data output. |
| **Switching Output** | PNP, Short-circuit protected | 3 Outputs (e.g., Position OK, Error). |
| **Pulse Frequency** | 10 Hz | Refresh rate for position data. |
| **Light Source** | Infrared LED (850 nm) | Used for illumination of the target area. |
---
### 2. Functional Electronic Components
The device integrates several high-level electronic modules to perform real-time image processing:
* **Integrated CMOS Camera:** Unlike standard photoeyes, this unit contains a digital image sensor that captures the visual field to identify hole patterns.
* **Digital Signal Processor (DSP):** The "brain" of the unit, which runs edge-detection algorithms to calculate the X and Y offsets relative to the center of the detected hole.
* **LED Illumination Array:** Built-in infrared LEDs ensure the camera has consistent lighting, regardless of ambient warehouse conditions.
* **I/O Logic Layer:** Manages the three PNP outputs. These are typically configured to signal:
1. **X-Axis Alignment:** Target is centered horizontally.
2. **Y-Axis Alignment:** Target is centered vertically.
3. **Operation/Error:** Device status or target not found.
---
### 3. Connection Pinout (M12 Connector)
The sensor typically utilizes an 8-pin M12 male connector. The electronic wiring is generally categorized as follows:
1. **Power:** +24V and 0V (GND).
2. **Inputs:** Trigger inputs to start/stop the evaluation.
3. **Outputs:** PNP signals for "Position reached."
4. **Communication:** Receive (RX) and Transmit (TX) lines for the RS 232 interface.
---
### 4. Operational Logic
The electronic system operates on a **closed-loop feedback principle**:
1. The **Emitter** sends IR light.
2. The **CMOS Sensor** captures the reflection from the rack.
3. The **Internal Controller** calculates the deviation (in millimeters) from the setpoint.
4. The **RS 232 Interface** transmits the exact coordinate data to the PLC, while the **PNP Outputs** provide immediate hardware signals for fast stop-commands.
- ⤷
What is the maximum sensing range (read distance) for the PHA200-F200-R2?
- ⤷ How do you configure the sensor parameters via the RS 232 interface?
- ⤷ Can this sensor detect non-circular shapes for positioning?