전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PIP3211-R

  • AI
    ## Overview of the PIP3211-R The **PIP3211-R** is a specialized power semiconductor device, specifically categorized as an **N-channel enhancement mode MOSFET**. It is part of the "TOPFET" (Temperature and Overload Protected Field-Effect Transistor) family, originally developed by Philips (now NXP/Nexperia). ### 1. Key Technical Specifications | Parameter | Description | Value (Typical) | | :--- | :--- | :--- | | **Transistor Polarity** | Channel Type | N-Channel | | **Drain-Source Voltage** | $V_{DS}$ Max | 50 V | | **Continuous Drain Current** | $I_D$ Max | 20 A | | **Logic Level Drive** | Gate Threshold | Compatible with 5V logic | | **Package Type** | Physical Casing | SOT426 (Surface Mount) | --- ### 2. Core Functional Features The "R" suffix and the TOPFET designation indicate that this is not a standard MOSFET. It includes integrated protection circuitry: * **Integrated Protection:** It features internal circuits that protect the device against overtemperature, overvoltage, and overcurrent conditions. * **Self-Limiting:** If the device detects a fault (like a short circuit), it will autonomously limit the current or shut down to prevent permanent damage to itself or the PCB. * **Logic Level Input:** It can be driven directly by microcontrollers or CMOS/TTL logic without needing a complex gate driver circuit. * **ESD Protection:** Built-in protection against Electrostatic Discharge at the gate. --- ### 3. Pin Configuration (SOT426) | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | Gate (Input) | Receives the control signal to turn the switch ON/OFF. | | **2** | Drain | Connected to the Load. | | **3** | Source | Connected to Ground (Common). | | **Tab** | Drain | The mounting base is electrically connected to the drain for heat dissipation. | --- ### 4. Typical Applications The PIP3211-R is commonly found in automotive and industrial environments where reliability is critical. Common use cases include: 1. **Solenoid Drivers:** Controlling valves or actuators. 2. **DC Motor Control:** High-side or low-side switching for small to medium motors. 3. **Lamp/LED Drivers:** Managing high-power illumination systems. 4. **General Purpose Power Switching:** Replacing mechanical relays in harsh environments. --- ### 5. Implementation Example Below is a conceptual snippet of how a microcontroller would interface with a PIP3211-R. ```cpp // Logic level control of PIP3211-R const int switchPin = 9; // Connected to Pin 1 (Gate) void setup() { pinMode(switchPin, OUTPUT); } void loop() { digitalWrite(switchPin, HIGH); // Turn Load ON delay(1000); digitalWrite(switchPin, LOW); // Turn Load OFF delay(1000); } ```
    ✨ Follow-up Questions
    • ⤷What is the difference between a standard MOSFET and a TOPFET like the PIP3211-R?
    • ⤷ What are the specific thermal protection limits for this device?
    • ⤷ Is there a direct modern equivalent or replacement for the PIP3211-R?