전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PIP3213-R

  • AI
    ## Overview of the PIP3213-R The **PIP3213-R** is a specialized semiconductor device, specifically a **TOPFET** (Temperature and Overload Protected Field-Effect Transistor). Manufactured primarily by NXP (formerly Philips Semiconductors), it is designed for high-side switching in automotive and industrial environments where reliability and self-protection are critical. --- ### Core Specifications The following table highlights the primary electrical characteristics of the PIP3213-R: | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Drain-Source Voltage ($V_{DS}$)** | Maximum voltage capacity | 50V | | **Continuous Drain Current ($I_D$)** | Maximum current flow | 18A | | **$R_{DS(on)}$** | On-state resistance at 25°C | ~45 mΩ | | **Package Type** | Physical form factor | SOT426 (D2PAK) | | **Logic Level** | Drive compatibility | 5V CMOS/TTL | --- ### Key Electronic Features The "Protected" nature of this FET comes from integrated circuitry built directly onto the silicon. Unlike a standard MOSFET, the PIP3213-R includes: 1. **Over-temperature Protection:** The device automatically shuts down if the junction temperature exceeds safe limits (typically around 150°C to 175°C). 2. **Short-circuit/Overload Protection:** It limits the current flow during a fault condition to prevent the silicon from melting or the PCB traces from burning. 3. **ESD Protection:** Integrated diodes protect the gate from electrostatic discharge. 4. **Status Feedback:** It can often communicate a fault condition back to a microcontroller by monitoring the gate current/voltage behavior. --- ### Internal Functional Block Diagram Internally, the device is more than just a transistor; it contains: * **Power MOSFET:** The main switching element. * **Control Logic:** Monitors the gate input signal. * **Sensor Array:** Tracks temperature and current flow across the drain-source path. * **Clamp Diodes:** Protects against inductive spikes (back-EMF) when switching motors or solenoids. --- ### Typical Applications Due to its ruggedness, the PIP3213-R is commonly found in: * **Automotive Load Switching:** Controlling headlamps, wipers, and seat heaters. * **Industrial Controls:** Driving DC motors and solenoids. * **Power Distribution:** Acting as a solid-state relay or electronic fuse.
    ✨ Follow-up Questions
    • ⤷ What are the pin configurations for the SOT426 package used by the PIP3213-R?
    • ⤷ How does the PIP3213-R handle inductive loads compared to a standard MOSFET?
    • ⤷ What is the specific threshold voltage required to trigger the 'on' state?