전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PIT04012SP-R33M

  • AI
    The **PIT04012SP-R33M** is a high-performance **Surface Mount (SMD) Power Inductor**. These components are specifically designed for high-current power supply circuits where efficiency and space-saving are critical. ### 1. Part Number Breakdown The nomenclature typically identifies the physical and electrical characteristics of the inductor: | Component Segment | Description | | :--- | :--- | | **PIT** | Series Prefix (Power Inductor, typically Shielded/Molded) | | **04012** | Package Size (approx. 4.0mm x 4.0mm with 1.2mm height) | | **SP** | Material/Process code (typically Alloy powder/Molded type) | | **R33** | Inductance Value (0.33 µH) | | **M** | Tolerance (M = ±20%) | --- ### 2. Key Technical Specifications Based on standard industry parameters for this specific part number: * **Inductance:** 0.33 µH * **DC Resistance (DCR):** Extremely low, usually measured in milli-ohms ($m\Omega$) to minimize power loss. * **Saturation Current ($I_{sat}$):** High capacity (typically 8A–15A range depending on manufacturer), meaning the core maintains its magnetic properties even under high load. * **Operating Temperature:** Generally rated for -40°C to +125°C. * **Construction:** Metal alloy powder molded around the coil (shielded construction). --- ### 3. Core Features and Benefits 1. **Low Profile:** The "012" in the part number indicates a height of roughly 1.2mm, making it ideal for ultra-thin electronics like smartphones or tablets. 2. **Electromagnetic Shielding:** Because it is a molded power inductor, it has low EMI (Electromagnetic Interference) radiation, preventing it from interfering with nearby sensitive components. 3. **Soft Saturation:** Unlike ferrite inductors that drop inductance sharply when current limits are exceeded, these alloy inductors have a "soft" saturation curve, providing better stability. 4. **High Frequency:** Optimized for high-frequency DC-DC converters (switching frequencies up to 5MHz). --- ### 4. Common Applications This part is commonly found in the following circuits: * **DC-DC Converters:** Used in Buck (step-down) or Boost (step-up) regulators. * **Mobile Devices:** Power management for CPUs and GPUs in laptops and phones. * **SSD Storage:** Voltage regulation for high-speed memory controllers. * **VRMs (Voltage Regulator Modules):** For high-current power distribution on PCBs. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the PIT04012SP-R33M?
    • ⤷ How does the 'soft saturation' of this inductor compare to ferrite types?
    • ⤷ What are the recommended soldering profiles for this SMD component?