AI

The **PJU14126L** is not an electronic component (like a transistor or IC) but rather a high-performance **industrial enclosure** manufactured by **Hammond Manufacturing**. It is designed to house and protect electronic controls, instruments, and components in harsh environments.
Below are the technical specifications and electronic-related features of this enclosure.
---
### 1. General Specifications
| Feature | Details |
| :--- | :--- |
| **Series** | PJU Series (Polycarbonate Junction Box) |
| **Dimensions (HxWxD)** | 14" x 12" x 6" |
| **Material** | UV stabilized polycarbonate |
| **Cover Type** | Solid cover with Stainless Steel snap latches |
| **Mounting** | Flange mount |
| **NEMA Rating** | 1, 2, 3, 3R, 4, 4X, 12, and 13 |
| **IP Rating** | IP66 |
---
### 2. Electronic Protection Features
The PJU14126L is engineered to ensure the "electronics" inside remain functional under stress:
* **Environmental Sealing:** The poured-in-place gasket provides a water-tight and dust-tight seal. This is critical for protecting sensitive PCBs (Printed Circuit Boards) from oxidation and short circuits.
* **Non-Conductive Material:** Since it is made of polycarbonate, the box is non-conductive. This eliminates the risk of the enclosure becoming "live" if an internal wire touches the wall, providing an extra layer of safety for the user.
* **RF/Wireless Transparency:** Unlike steel enclosures, polycarbonate allows Radio Frequency (RF) signals to pass through. This makes it ideal for housing **WiFi routers, IoT sensors, or Bluetooth modules** without the need for external antennas.
* **Thermal Properties:** Polycarbonate has lower thermal conductivity than metal. While it protects against external heat spikes, users must calculate the heat dissipation of internal electronics to ensure they do not overheat.
---
### 3. Internal Mounting for Electronics
To mount electronic parts inside the PJU14126L, specialized hardware is used:
1. **Inner Panels:** Typically requires a **1412P** (Steel), **1412AL** (Aluminum), or **1412GF** (Fiberglass) backplate. These plates are drilled to mount DIN rails, power supplies, and PLCs.
2. **Molded Stand-offs:** The base of the enclosure includes molded-in bosses for easy attachment of the inner panel using self-tapping screws.
3. **Swing Panels:** Optional aluminum swing-out panels allow for mounting displays, HMI screens, or status LEDs on a secondary layer.
---
### 4. Typical Electronic Use Cases
* **Solar Power Controllers:** Housing charge controllers and small battery backups outdoors.
* **Industrial IoT (IIoT):** Protecting gateways and edge computing devices in wash-down environments (food processing).
* **Water Treatment Systems:** Housing sensors and PLC logic modules near corrosive chemicals.
- ⤷What are the compatible backpanel model numbers for the PJU14126L?
- ⤷ How does polycarbonate compare to fiberglass for RF signal transmission?
- ⤷ Does this enclosure support DIN rail mounting directly to the base?