전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PL102-10SC-R

  • AI
    ## Overview of PL102-10SC-R The **PL102-10SC-R** is a high-performance **Low Jitter Precision Clock Buffer/Driver** manufactured by Microchip Technology (formerly PhaseLink). It is specifically designed to distribute high-frequency clock signals with minimal signal degradation. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Function** | Fanout Buffer / Clock Driver | | **Input Channels** | 1 (Accepts Fundamental Crystal or Reference Clock) | | **Output Channels** | 1 (Buffered Output) | | **Frequency Range** | 1MHz to 30MHz | | **Operating Voltage** | 2.25V to 3.63V | | **Package Type** | SOP-8 (Standard Small Outline Package) | | **Output Type** | CMOS | | **Operating Temperature** | 0°C to +70°C (Commercial Grade) | --- ### 2. Functional Description The PL102-10SC-R acts as a bridge between a clock source (like a quartz crystal) and the rest of a digital circuit. Its primary roles include: * **Signal Conditioning:** It takes a raw input signal and produces a clean square wave output. * **Load Isolation:** It prevents the load of the destination circuit from affecting the stability of the input crystal/oscillator. * **Low Phase Noise:** It is engineered to add negligible "jitter" (timing uncertainty) to the clock signal, ensuring high-speed data synchronization remains accurate. --- ### 3. Pin Configuration (SOP-8) | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | XIN | Crystal Input or Reference Clock Input | | 2 | XOUT | Crystal Output (Leave floating if using Ref Clock) | | 3 | VDD | Power Supply (2.25V to 3.63V) | | 4 | GND | Ground Connection | | 5 | CLKOUT | Buffered Clock Output | | 6-8 | NC/OE | No Connect or Output Enable (Varies by sub-version) | --- ### 4. Typical Applications * **Networking Gear:** Routers, switches, and modems requiring stable timing. * **Consumer Electronics:** Set-top boxes and digital media players. * **Embedded Systems:** Microcontrollers requiring an external high-precision clock source. * **PC Peripherals:** Sound cards and high-speed I/O interfaces. --- ### 5. Part Number Breakdown The suffix `-R` in **PL102-10SC-R** typically denotes the packaging format: * **SC**: SOP-8 Package, Commercial Temperature. * **-R**: Tape and Reel (indicates the part is supplied on a reel for automated pick-and-place assembly).
    ✨ Follow-up Questions
    • ⤷ What is the difference between a clock buffer and a clock generator?
    • ⤷ Can the PL102-10SC-R be used with a 5V power supply?
    • ⤷ What are the advantages of using an SOP-8 package for this component?