PL102-10TC-R
AI

The **PL102-10TC-R** is a high-performance, low-power Clock Driver integrated circuit designed by Microchip (formerly PhaseLink). It is primarily used for clock distribution in systems requiring low jitter and high signal integrity.
---
## 1. Technical Specifications
Below are the primary technical parameters for the PL102-10TC-R:
| Parameter | Specification |
| :--- | :--- |
| **Function** | Low Jitter 1:1 Differential to LVCMOS Translator / Driver |
| **Input Frequency Range** | Up to 170 MHz |
| **Supply Voltage (VDD)** | 2.25V to 3.63V |
| **Output Type** | LVCMOS |
| **Operating Temperature** | 0°C to +70°C (Commercial) |
| **Package Type** | SOT23-6L (6-pin Small Outline Transistor) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
---
## 2. Key Features and Internal Logic
The PL102 series is designed to take a reference clock input and output a buffered version with minimal phase noise.
* **Low Phase Noise:** It is optimized for high-fidelity clocking, ensuring that the timing "jitter" remains extremely low.
* **Small Footprint:** The SOT23-6L package is ideal for space-constrained PCB designs.
* **Power Management:** Features very low power consumption, making it suitable for battery-operated or thermally sensitive devices.
* **"R" Suffix:** The "R" in the part number typically denotes **Tape and Reel** packaging for automated pick-and-place manufacturing.
---
## 3. Pin Configuration (SOT23-6L)
The device typically utilizes its 6 pins as follows:
1. **FIN:** Reference Clock Input.
2. **GND:** Ground.
3. **VDD:** Power Supply.
4. **FOUT:** Clock Output.
5. **OE:** Output Enable (High to enable, Low to disable).
6. **NC / VDD:** No Connect or redundant Power pin (depending on specific revision).
---
## 4. Common Applications
This part is commonly found in electronic circuits that require precise timing distribution, including:
* **Networking Equipment:** Routers and switches.
* **Consumer Electronics:** Set-top boxes and digital media players.
* **Computing:** Motherboards and peripheral timing.
* **Industrial:** Timing control for PLC (Programmable Logic Controllers).
---
- ⤷What is the difference between the PL102-10TC-R and the industrial grade version?
- ⤷ Can this part be used to convert differential signals to single-ended signals?
- ⤷ What are the recommended decoupling capacitor values for the VDD pin?