전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PL123-09HSC-R

  • AI
    ## Overview of PL123-09HSC-R The **PL123-09HSC-R** is a high-performance, low-cost, high-speed Phase Locked Loop (PLL) clock buffer designed for clock distribution in high-speed communication and computing systems. It is manufactured by Microchip Technology (originally PhaseLink). ### Core Specifications | Feature | Specification | | :--- | :--- | | **Type** | Zero Delay Buffer (ZDB) | | **Number of Outputs** | 9 | | **Maximum Frequency** | 134 MHz | | **Operating Voltage** | 3.3V (± 10%) | | **Package Type** | SOP-16 (Small Outline Package) | | **Input/Output Ratio** | 1:9 | | **Operating Temperature** | 0°C to 70°C (Commercial) | --- ### Key Internal Components and Functions #### 1. Phase Locked Loop (PLL) The heart of the device is the internal PLL. It synchronizes the output frequency with the input frequency. This allows the device to act as a "Zero Delay Buffer," meaning the rising edge of the input clock is aligned with the rising edge of the output clocks. #### 2. Feedback Loop To achieve zero delay, the PLL uses a feedback path. One of the 9 outputs is typically routed back to the PLL feedback input (internally or externally depending on the specific wiring) to ensure phase alignment across all outputs. #### 3. Output Drive Control The "H" in the part number (`HSC`) stands for **High Drive**. This indicates that the electronic outputs are designed to handle higher capacitive loads (up to 30pF at lower frequencies or 15pF at higher frequencies) without significant signal degradation. #### 4. Spread Spectrum Compatibility The PL123-09 series is designed to track Spread Spectrum (SS) clock inputs. If the input clock has frequency modulation to reduce EMI (Electromagnetic Interference), the PL123-09HSC-R will pass that modulation through to the outputs without filtering it out or distorting it. --- ### Pin Configuration Summary | Pin Category | Description | | :--- | :--- | | **CLKIN** | The reference clock input. | | **CLKOUT (1-9)** | The nine buffered clock outputs. | | **VDD / VSS** | Power supply (3.3V) and Ground pins. | | **S2, S1** | Select inputs used to control output bank enabling or tri-stating (High-Z mode). | --- ### Applications * **SDRAM Desktop PCs:** Distributing clocks to memory modules. * **Networking Gear:** Providing synchronized timing for routers and switches. * **Workstations:** Managing high-speed signal integrity across complex PCBs.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'HSC' and 'SC' versions of this chip?
    • ⤷ How do the S1 and S2 control pins affect the output states?
    • ⤷ Can this part be used to multiply or divide the input frequency?