PL135-27GC-R
AI

## Technical Overview of PL135-27GC-R
The **PL135-27GC-R** is a high-performance Low Power Oscillator IC designed by Microchip Technology (formerly PhaseLink). It is specifically engineered to function as a **Low-Phase Noise Clock Multiplier**, often used to generate high-frequency signals from lower-frequency crystal inputs.
---
### 1. Key Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Function** | Low Power, LVCMOS Output Clock |
| **Input Frequency Range** | 10MHz to 27MHz (Crystal or Reference) |
| **Output Frequency Range** | 10MHz to 27MHz (1:1 Ratio) |
| **Operating Voltage** | 1.62V to 3.63V |
| **Output Type** | LVCMOS |
| **Package Type** | DFN-6L (2.0mm x 1.3mm) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
---
### 2. Core Functional Components
The internal architecture of the PL135-27 series focuses on maintaining signal integrity while minimizing power consumption.
* **Crystal Oscillator Circuit:** Designed to work with fundamental mode crystals. It provides the necessary gain to start and maintain oscillation.
* **Phase-Locked Loop (PLL) / Buffer:** While some models in this family perform multiplication, the **-27** variant is often utilized as a high-performance buffer/driver that maintains the input frequency with extremely low jitter.
* **Output Driver:** The LVCMOS output driver is optimized for "Green" applications, providing a clean square wave while drawing minimal current.
---
### 3. Part Number Breakdown
Understanding the suffix codes is essential for procurement and PCB design:
* **PL135:** Product family (Low Power, Low Jitter Oscillators).
* **27:** Specific configuration/frequency characteristics.
* **G:** Package Code (DFN-6L).
* **C:** Commercial/Industrial Temperature Grade.
* **-R:** Tape and Reel packaging (indicates the delivery format for automated assembly).
---
### 4. Common Applications
Due to its small footprint and low voltage requirements, this part is frequently found in:
* **Mobile Devices:** Smartwatches, tablets, and handheld sensors.
* **IoT Modules:** Where power efficiency is critical for battery life.
* **Portable Medical Equipment:** Devices requiring stable clocking in a compact form factor.
* **Consumer Electronics:** Digital cameras and high-end audio interfaces.
---
- ⤷
What are the PCB layout recommendations for the DFN-6L package to minimize noise?
- ⤷ Can the PL135-27GC-R be used with a 1.8V logic level system?
- ⤷ What is the typical phase jitter performance for this specific part?