전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PL135-37SC-R

  • AI
    ### Overview of PL135-37SC-R The **PL135-37SC-R** is a high-performance, low-power **Phase-Locked Loop (PLL) based clock generator** or clock buffer, specifically designed for frequency translation and signal conditioning. It is manufactured by **Microchip Technology** (formerly Micrel). --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Part Number** | PL135-37SC-R | | **Type** | PLL Clock Generator / Buffer | | **Input Frequency Range** | 10MHz to 40MHz (Crystal) or up to 133MHz (Reference Clock) | | **Output Frequency Range** | 10MHz to 133MHz | | **Output Type** | LVCMOS | | **Voltage Supply** | 1.62V to 3.63V | | **Package / Case** | 8-SOIC (0.154", 3.90mm Width) | | **Operating Temperature** | 0°C to 70°C (Commercial) | --- ### Key Electronic Components & Internal Logic 1. **Phase Locked Loop (PLL):** The core of the device. It synchronizes the output frequency with the input phase, allowing for frequency multiplication or stable buffering with low jitter. 2. **Crystal Oscillator Interface:** Contains internal capacitors and circuitry to interface directly with a standard fundamental mode crystal (10MHz–40MHz), eliminating the need for an external oscillator module. 3. **OE (Output Enable) Pin:** A digital logic input that allows the user to enable or disable the clock output. This is crucial for power management in portable devices. 4. **Low Phase Noise Architecture:** Designed specifically to reduce "jitter" (timing uncertainty), making it suitable for high-speed data communication. --- ### Application Usage This part is commonly found in circuits requiring precise timing signals without the bulk of high-power oscillators. * **Networking:** Routers, switches, and modems. * **Storage:** Fiber Channel and SATA interfaces. * **Embedded Systems:** Providing a master clock to Microcontrollers (MCUs) or FPGAs. * **Mobile Devices:** Due to its low voltage (1.62V) compatibility. --- ### Part Number Suffix Breakdown * **PL135-37:** Base part family. * **S:** Package type (SOIC). * **C:** Commercial temperature range (0°C to +70°C). * **-R:** Tape and Reel packaging (used for high-volume automated assembly).
    ✨ Follow-up Questions
    • ⤷ What is the difference between the PL135-37SC and the PL135-37SI?
    • ⤷ Can you provide a circuit diagram example for connecting a crystal to this IC?
    • ⤷ What is the typical power consumption of this device at 1.8V?