전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PL3

  • AI
    The **PL3** (often referring to the **Prolific PL2303** family of USB-to-Serial bridge controllers) is a widely used integrated circuit in electronics for communication between a computer (USB) and microcontrollers or industrial equipment (UART/TTL). --- ## 1. Core Functionality The PL3 series acts as a bridge. It translates the high-speed differential signals of a **USB interface** into the asynchronous serial signals (**UART**) used by most electronic components. ### Key Features | Feature | Specification (Typical PL2303/PL3 Series) | | :--- | :--- | | **Interface** | USB 1.1 / 2.0 Full Speed | | **Baud Rates** | 75 bps to 6 Mbps (model dependent) | | **Voltage Levels** | 1.8V, 2.5V, 3.3V, 5.0V | | **On-chip Clock** | Integrated (no external crystal required in newer versions) | | **Flow Control** | Hardware (RTS/CTS) and Software (XON/XOFF) | --- ## 2. Hardware Pinout & Connections When using a PL3 module, you typically interact with the following pins: 1. **VCC:** Power input (usually 3.3V or 5V). 2. **GND:** Common ground. 3. **TXD (Transmit):** Sends serial data out to the device. 4. **RXD (Receive):** Receives serial data from the device. 5. **DTR/RTS:** Often used for auto-resetting Arduinos during programming. --- ## 3. Typical Application Schematic Below is a conceptual layout of how a PL3 chip is integrated into a circuit: ```mermaid graph LR A[PC / USB Host] <==USB==> B[PL3 Chip] B <==UART==> C[Microcontroller / Arduino] B -- Power --> D[Voltage Regulator] ``` --- ## 4. Common Variants * **PL2303HXD:** Supports high-speed transmission and is compatible with Windows 10/11. * **PL2303TA:** Primarily used for cables and simpler USB-to-TTL adapters. * **PL2303GC:** The newest generation with support for higher baud rates and integrated resistors. --- ## 5. Implementation Considerations * **Drivers:** The PL3 series requires specific Prolific drivers. Older "clone" chips often fail on modern Windows versions due to driver-level hardware verification. * **Logic Levels:** Always ensure the PL3 module’s voltage (e.g., 3.3V) matches your microcontroller to avoid damaging the pins. * **Capacitors:** If building a custom PCB, decoupling capacitors (0.1µF) are essential on the VCC line to reduce noise.
    ✨ Follow-up Questions
    • What are the main differences between PL2303 and FT232RL chips?
    • How do I troubleshoot driver issues for PL3 devices on Windows 11?
    • Can the PL3 chip be used to program an ESP32 or ESP8266?