전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PL611-30XXXSI-R

  • AI
    ## Electronic Overview: PL611-30XXXSI-R The **PL611-30XXXSI-R** is a high-performance, low-power programmable clock generator IC developed by Microchip Technology (formerly PhaseLink). It is part of the PL611 family, designed to provide flexible clocking solutions for a wide range of applications. --- ### 1. Technical Specifications The following table highlights the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Component Type** | Programmable Clock Generator | | **Input Frequency** | 10MHz to 167MHz | | **Output Frequency** | Up to 200MHz | | **Operating Voltage** | 2.25V to 3.63V | | **Output Type** | CMOS | | **Package Type** | SOT23-6L (Small Outline Transistor) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **Jitter Performance** | < 10ps RMS (typical) | --- ### 2. Key Internal Components The PL611 architecture consists of several critical functional blocks: * **Phase-Locked Loop (PLL):** The core of the device that synthesizes the desired output frequency based on a reference input clock or crystal. * **Programmable Dividers:** Allows for precise scaling of the frequency to meet specific downstream requirements. * **One-Time Programmable (OTP) Memory:** Used to store the configuration settings (indicated by the "XXX" in the part number, which represents a specific custom code). * **Output Buffer:** A CMOS driver designed to maintain signal integrity while driving capacitive loads. --- ### 3. Part Number Breakdown Understanding the suffix coding is essential for sourcing the correct variant: 1. **PL611-30**: The base product series (Low Power Programmable Clock). 2. **XXX**: The custom configuration code (e.g., specific frequency settings). 3. **S**: Package type (SOT23). 4. **I**: Temperature range (Industrial: -40°C to +85°C). 5. **R**: Packing style (Tape and Reel). --- ### 4. Common Applications * **Consumer Electronics:** Smart TV, Set-top boxes, and gaming consoles. * **Industrial:** System-on-Chip (SoC) reference clocks and motor controllers. * **Computing:** PCIe reference clocks and peripheral interface timing. * **Networking:** Routers, switches, and modems.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the PL611 and PL613 series?
    • ⤷ Can this part be reprogrammed after the initial configuration?
    • ⤷ What are the specific power consumption ratings in standby mode?