전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PL680-37QCL-R

  • AI
    The **PL680-37QCL-R** is a high-performance, low-phase-noise clock generator/frequency multiplier integrated circuit (IC) manufactured by **Microchip Technology** (originally developed by PhaseLink). It is specifically designed to work with high-frequency fundamental crystals to produce low-jitter differential outputs. --- ## 1. Technical Specifications Below are the core technical parameters for the PL680-37QCL-R: | Parameter | Specification | |:---|:---| | **Function** | Clock Multiplier / Frequency Generator | | **Output Type** | PECL (Positive Emitter Coupled Logic) | | **Input Frequency** | 19 MHz to 40 MHz (Fundamental Crystal) | | **Output Frequency** | 38 MHz to 640 MHz (Configurable) | | **Operating Voltage** | 2.5V or 3.3V | | **Package Type** | QFN-16 (3x3 mm) | | **Phase Jitter** | < 1ps RMS (at 12kHz to 20MHz range) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ## 2. Key Internal Components & Features ### A. Frequency Synthesis The device utilizes a **Phase-Locked Loop (PLL)** architecture. It takes a lower-frequency input from a crystal or an external clock and multiplies it to a high-speed differential signal. ### B. Differential PECL Output The "QCL" designation indicates a **PECL output**. PECL is favored in high-speed telecommunications because: * It provides high-speed switching. * The differential nature offers excellent noise immunity. * It maintains signal integrity over longer PCB traces. ### C. Low Jitter Performance The "37" series is optimized for **low-phase noise**. This is critical for applications like Fiber Channel, Gigabit Ethernet, and SONET/SDH, where timing precision is vital to prevent data errors. --- ## 3. Part Number Decoding Understanding the suffix helps in identifying the specific variant: | Code Segment | Meaning | |:---|:---| | **PL680-37** | Base part series (Low-jitter frequency multiplier) | | **Q** | Package code (QFN) | | **C** | Temperature range (Commercial, though often rated for Industrial -40/+85) | | **L** | Lead-free / RoHS compliant | | **-R** | Tape and Reel packaging | --- ## 4. Common Applications * **Networking:** Switches, Routers, and Hubs. * **Storage:** SAN (Storage Area Networks) and Fiber Channel. * **Communications:** Base stations and optical modules. * **Computing:** High-speed server backplanes. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific termination requirements for the PECL output on this IC?
    • ⤷ Can this part be used with a LVDS receiver instead of PECL?
    • ⤷ What is the recommended crystal load capacitance for the PL680-37?