전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PL680-38QCL-R

  • AI
    The **PL680-38QCL-R** is a high-performance, low-phase noise clock generator integrated circuit (IC) manufactured by Microchip Technology (formerly PhaseLink). It is specifically designed to work with high-frequency crystals to produce ultra-low jitter LVPECL differential outputs. --- ### ## Technical Specifications The following table summarizes the core electronic characteristics of the PL680-38QCL-R: | Parameter | Specification | | :--- | :--- | | **Type** | Clock/Frequency Synthesizer (VCXO/Crystal) | | **Output Type** | LVPECL (Differential) | | **Input Frequency** | 19 MHz to 40 MHz (Fundamental Crystal) | | **Output Frequency** | 38 MHz to 640 MHz (via Frequency Multiplier) | | **Supply Voltage (Vdd)** | 2.5V or 3.3V | | **Operating Temperature** | 0°C to +70°C (Commercial Grade) | | **Package** | 16-pin QFN (3x3 mm) | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### ## Key Electronic Components & Features ### 1. Frequency Multiplier (Phase-Locked Loop) The device uses an internal integrated PLL to multiply the input frequency from a standard crystal. This allows it to generate high-frequency signals (up to 640MHz) without requiring expensive high-frequency fundamental crystals. ### 2. LVPECL Output Driver The "QC" in the part number indicates an **LVPECL (Low-Voltage Positive Emitter-Coupled Logic)** output. This is a differential signaling standard known for: * High speed and low jitter. * Excellent noise immunity. * The requirement of specific termination resistors (usually 50 ohms to Vdd-2V). ### 3. Jitter Performance One of the most critical aspects of this part is its **Phase Noise** performance. It is designed to provide "Ultra-Low Jitter," making it suitable for high-speed networking and fiber channel applications where timing precision is vital. ### 4. Part Number Breakdown * **PL680**: Product series (Low Jitter Clock). * **-38**: Specific configuration/multiplier ratio. * **QC**: LVPECL output in a QFN package. * **L**: Lead-free / RoHS compliant. * **-R**: Tape and Reel packaging. --- ### ## Typical Application Circuit When integrating this part into a PCB design, the following external components are usually required: ```c /* Basic Connection Scheme */ 1. Crystal (X1, X2): Connect to pins 1 and 2 (e.g., 25MHz). 2. Decoupling: 0.1uF and 0.01uF capacitors near VDD pins. 3. Termination: 50 Ohm resistors to (Vdd - 2V) for the LVPECL differential pair. 4. OE (Output Enable): Pulled High to enable the clock output. ```
    ✨ Follow-up Questions
    • ⤷ What are the specific termination requirements for the LVPECL output of this IC?
    • ⤷ How does the phase noise of the PL680 compare to standard CMOS oscillators?
    • ⤷ Can this IC be used with an external reference clock instead of a crystal?