전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PLC-RSC-125DC

  • AI
    The **PLC-RSC-125DC/21** is a specific narrow relay interface module manufactured by Phoenix Contact. It is designed to act as an interface between a PLC (Programmable Logic Controller) and field devices, providing electrical isolation and signal conditioning. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Nominal Voltage ($U_N$)** | 125 V DC | | **Typical Input Current** | ~3 mA | | **Contact Type** | 1 PDT (Single Pole Double Throw / Changeover) | | **Contact Material** | AgSnO (Silver Tin Oxide) | | **Max Switching Voltage** | 250 V AC/DC | | **Limiting Continuous Current** | 6 A | | **Connection Method** | Screw Connection (RSC) | | **Width** | 6.2 mm | --- ### 2. Electronic Component Breakdown The device consists of two primary parts integrated into one slim housing: #### A. The Relay Base (PLC-BSC-125DC/21) This is the "socket" or terminal block. Its electronic functions include: * **Protection Circuitry:** It usually contains a **Free-wheeling Diode** (to protect against voltage spikes when the coil is de-energized) and **Reverse Polarity Protection**. * **LED Indicator:** A yellow LED is integrated to show the switching status of the relay. * **Terminal Interface:** Screw terminals that route the 125V DC control signal to the coil and the load wires to the contacts. #### B. The Plug-in Miniature Relay (REL-MR-110DC/21) While the base is rated for 125V DC, it often uses a 110V DC rated miniature relay because the electronic circuit in the base handles the voltage drop/stabilization. * **The Coil:** Electromagnet that activates when 125V DC is applied. * **The Contacts:** Mechanical switches (Common, Normally Open, Normally Closed) that handle the actual power switching. --- ### 3. Circuit Application In a PLC system, this part serves three main electronic purposes: 1. **Galvanic Isolation:** It physically separates the sensitive 125V DC PLC output from the potentially high-current or high-voltage field load. 2. **Signal Matching:** It allows a low-power control signal to switch a high-power load (up to 6A). 3. **Replaceability:** Because it is a "plug-in" system, the relay part can be replaced without disconnecting the wiring from the base if the mechanical contacts wear out. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the RSC (Screw) and RPT (Push-in) versions of this relay?
    • ⤷ How does the AgSnO contact material benefit DC switching applications?
    • ⤷ Can this relay be used with AC voltages on the control side?