전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • PLL502-04SC-R

  • AI
    ## Overview of the PLL502-04SC-R The **PLL502-04SC-R** is a high-performance Phase-Locked Loop (PLL) based clock generator IC, primarily designed for frequency synthesis and multiplication. It is commonly used in networking, storage, and communication systems where high stability and low jitter are required. --- ### 1. Key Technical Specifications The following table outlines the core electronic parameters of the component: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Microchip Technology (originally PhaseLink) | | **Type** | VCXO / Phase-Locked Loop Clock Multiplier | | **Input Frequency** | 10MHz to 27MHz (Crystal or Reference) | | **Output Frequency** | Up to 800MHz (depending on configuration) | | **Voltage Supply** | 3.3V (±10%) | | **Output Type** | CMOS | | **Package** | SOP-8 (Small Outline Package) | | **Operating Temp** | 0°C to 70°C (Commercial) | --- ### 2. Functional Electronic Parts & Blocks The internal architecture of the PLL502-04SC-R consists of several critical electronic sub-systems: #### A. Phase-Locked Loop (PLL) Core This is the heart of the IC. It consists of a **Phase Frequency Detector (PFD)**, a **Charge Pump**, and a **Voltage Controlled Oscillator (VCO)**. It synchronizes the output frequency to the input reference clock with high precision. #### B. Frequency Multiplier The IC includes internal frequency dividers and multipliers. The "04" variant usually refers to specific multiplication factors (e.g., 4x the input crystal frequency) optimized for specific output ranges like 27MHz to 108MHz. #### C. Crystal Oscillator Circuit It features an integrated oscillator circuit that requires only an external fundamental mode crystal (10MHz to 27MHz). It provides the necessary load capacitance to sustain oscillation. #### D. Output Buffer The output stage is a CMOS buffer designed to drive capacitive loads (typically 15pF) while maintaining fast rise and fall times to minimize jitter. --- ### 3. Pin Configuration | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | XIN / FIN | Crystal Input or Reference Clock Input | | 2 | XOUT | Crystal Output (leave open if using external clock) | | 3 | VDD | Positive Power Supply (3.3V) | | 4 | GND | Ground | | 5 | CLKOUT | Main Clock Output | | 6-8 | NC/SEL | Configuration pins (specific to sub-variant) | --- ### 4. Typical Applications * **Networking:** Gigabit Ethernet clocking. * **Storage:** Fiber Channel and SATA controllers. * **Consumer Electronics:** High-definition video systems requiring stable timing. ---
    ✨ Follow-up Questions
    • What is the maximum jitter performance for this specific PLL model?
    • Can this IC be used with a 5V power supply safely?
    • What are the differences between the 'SC' and 'SCL' versions of this chip?